Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS7646 Datasheet(PDF) 4 Page - Silicon Standard Corp.

Part # SS7646
Description  Touch Screen Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS7646 Datasheet(HTML) 4 Page - Silicon Standard Corp.

  SS7646 Datasheet HTML 1Page - Silicon Standard Corp. SS7646 Datasheet HTML 2Page - Silicon Standard Corp. SS7646 Datasheet HTML 3Page - Silicon Standard Corp. SS7646 Datasheet HTML 4Page - Silicon Standard Corp. SS7646 Datasheet HTML 5Page - Silicon Standard Corp. SS7646 Datasheet HTML 6Page - Silicon Standard Corp. SS7646 Datasheet HTML 7Page - Silicon Standard Corp. SS7646 Datasheet HTML 8Page - Silicon Standard Corp. SS7646 Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
www.SiliconStandard.com
4 of 5
SS7646
8/21/2004 Rev.2.01
Timing Specifications:
(TA = -40
°C to +85°C, VDD≧+2.7V, CLOAD=50pF. Typical values are at TA = +25°C, unless otherwise noted.)
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
TACQ
ADC acquisition time
500
ns
TCON
ADC conversion time
6.5
µs
TCSF
/CS falling to first DCLK rising
100
ns
TCSR
/CS rising to DCLK ignored
0
ns
TDOF
/CS falling to DOUT enable
200
ns
TDOR
/CS rising to DOUT disable
200
ns
TBSF
/CS falling to BUSY enable
200
ns
TBSR
/CS rising to BUSY disable
200
ns
TCKH
DCLK High Period
200
ns
TCKL
DCLK LOW Period
200
ns
TDIS
DIN valid before DCLK rising
100
ns
TDIH
DIN hold time after DCLK going high
15
ns
TDO
DCLK falling to DOUT valid
200
ns
TBO
DCLK falling to BUSY rising
200
ns
Timing Diagram:
/CS
DCLK
X/Y
SWITCH
DIN
BUSY
DOUT
18
1
18
ON
Acquire
Tri-State
Tri-State
Tri-State
Tri-State
(MSB)
(LSB)
11
0
TACQ
TCON
TCSF
TCSR
TDOF
TDOR
TBSR
TBSF
TCKH
TCK/L
DIS
T
TDIH
TDO
BO
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com