Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS7646 Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SS7646
Description  Touch Screen Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS7646 Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SS7646 Datasheet HTML 1Page - Silicon Standard Corp. SS7646 Datasheet HTML 2Page - Silicon Standard Corp. SS7646 Datasheet HTML 3Page - Silicon Standard Corp. SS7646 Datasheet HTML 4Page - Silicon Standard Corp. SS7646 Datasheet HTML 5Page - Silicon Standard Corp. SS7646 Datasheet HTML 6Page - Silicon Standard Corp. SS7646 Datasheet HTML 7Page - Silicon Standard Corp. SS7646 Datasheet HTML 8Page - Silicon Standard Corp. SS7646 Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
www.SiliconStandard.com
1 of 5
SS7646
8/21/2004 Rev.2.01
Touch Screen Controller
FEATURES
DESCRIPTION
Pin compatible with SS7643
Serial interface
Interface for 4-wire touch-screen
Embedded touch-screen drivers
Internal 2.5V reference
Direct battery measurement (0V to 6V)
Touch-pressure measurement
One auxiliary analog input
On-chip temperature sensor
Supply voltage from 2.2V to 5.5V
12-bit analog-to-digital converter
Programmable 8- or 12-bit resolution
Conversion rate up to 125kHz
Full power-down control
16 pin SSOP package
APPLICATIONS
Touch-screen Monitors
Personal Digital Assistants
Point-of-Sale Terminals
Pagers
High-Speed Data Acquisition
Portable Instruments
Low-power Instruments
The SS7646 touch-screen controller IC is an advanced
version of the previous controller, the SS7643.
The SS7646 is a 12-biit SAR analog-to-digital converter
(ADC) with SPI serial interface and low-on resistance
drivers for 4-wire resistive touch screens. The SS7646
is fully pin-compatible with the SS7643.
The SS7646 is a highly-integrated controller for portable
applications using 4-wire resistive touch screens, such
as PDAs, portable instruments, cell phones, etc. The
SS7646 contains all the analog and digital circuitry
necessary to complete a pen request, and features
temperature, battery monitor and touch-pressure
measurements.
The SS7646 also features an internal 2.5V reference
that can be turned ON or OFF independently of the
ADC.
The SS7646 consumes only 405 µW (with the internal
reference OFF) at a sample rate of 125kHz with a 2.7V
supply and consumes less than 2.7 µW in the
shutdown mode. The SS7646 will operate with a
supply down to 2.2V.
The SS7646 is supplied in a very small 16-lead SSOP
package and is guaranteed over the temperature range.
ORDERING INFORMATION
PIN CONFIGURATION
SS7646
15
/CS
16
DCLK
14
DIN
12
DOUT
13
BUSY
11
/PENIRQ
10
2
X+
1
VDD
3
Y+
5
Y-
4
X-
6
GND
7
SSOP-16
8
9
VREF
VDD
VBAT
VIN
SS7646TR
SS7646 in SSOP-16 shipped on
tape and reel


Similar Part No. - SS7646

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SS7619-15 ETC2-SS7619-15 Datasheet
464Kb / 4P
Tripp Lite Power Strip with Surge Suppression - Multiple outlets wherever you need them
More results

Similar Description - SS7646

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
TOUCH SCREEN CONTROLLER
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
TOUCH-SCREEN CONTROLLER
logo
Analog Devices
AD7877 AD-AD7877 Datasheet
1,002Kb / 44P
Touch Screen Controller
11/04-Changed from Rev. 0 to Rev. A
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
Touch Screen Controller
logo
Anpec Electronics Corop...
APT7846 ANPEC-APT7846 Datasheet
583Kb / 15P
Touch Screen Controller
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
TOUCH SCREEN CONTROLLER
ADS7846IRGVRG4 TI1-ADS7846IRGVRG4 Datasheet
1Mb / 30P
TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7846NG4 BURR-BROWN-ADS7846NG4 Datasheet
1Mb / 30P
TOUCH SCREEN CONTROLLER
logo
List of Unclassifed Man...
XPT2046 ETC2-XPT2046 Datasheet
821Kb / 30P
Touch Screen Controller
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com