Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1808AZCED3 Datasheet(PDF) 46 Page - Texas Instruments

Part # AM1808AZCED3
Description  AM1808 ARM Microprocessor
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1808AZCED3 Datasheet(HTML) 46 Page - Texas Instruments

Back Button AM1808AZCED3 Datasheet HTML 42Page - Texas Instruments AM1808AZCED3 Datasheet HTML 43Page - Texas Instruments AM1808AZCED3 Datasheet HTML 44Page - Texas Instruments AM1808AZCED3 Datasheet HTML 45Page - Texas Instruments AM1808AZCED3 Datasheet HTML 46Page - Texas Instruments AM1808AZCED3 Datasheet HTML 47Page - Texas Instruments AM1808AZCED3 Datasheet HTML 48Page - Texas Instruments AM1808AZCED3 Datasheet HTML 49Page - Texas Instruments AM1808AZCED3 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 264 page
background image
AM1808
SPRS653A – FEBRUARY 2010 – REVISED APRIL 2010
www.ti.com
3.7.21
Serial ATA Controller (SATA)
Table 3-23. Serial ATA Controller (SATA) Terminal Functions
SIGNAL
POWER
TYPE(1)
PULL(2)
DESCRIPTION
GROUP(3)
NAME
NO.
SATA_RXP
L1
I
—
—
SATA receive data (positive)
SATA_RXN
L2
I
—
—
SATA receive data (negative)
SATA_TXP
J1
O
—
—
SATA transmit data (positive)
SATA_TXN
J2
O
—
—
SATA transmit data (negative)
SATA_REFCLKP
N2
I
—
—
SATA PHY reference clock (positive)
SATA_REFCLKN
N1
I
—
—
SATA PHY reference clock (negative)
SPI0_SCS[3] / UART0_CTS / GP8[2] /
E17
I
CP[9]
A
SATA mechanical presence switch input
MII_RXD[1] / SATA_MP_SWITCH
SPI0_SCS[2] / UART0_RTS / GP8[1] /
D16
I
CP[9]
A
SATA cold presence detect input
MII_RXD[0] / SATA_CP_DET
SPI1_SCS[2] / UART1_TXD /
F19
O
CP[13]
A
SATA cold presence power-on output
SATA_CP_POD / GP1[0]
SPI1_SCS[3] / UART1_RXD / SATA_LED /
E18
O
CP[13]
A
SATA LED control output
GP1[1]
SATA PHY PLL regulator output. Requires an
SATA_REG
N3
A
—
—
external 0.1uF filter capacitor.
SATA_VDDR
P3
PWR
—
—
SATA PHY 1.8V internal regulator supply
M2,
P1,
SATA_VDD
PWR
—
—
SATA PHY 1.2V logic supply
P2,
N4
H1,
H2,
K1,
SATA_VSS
GND
—
—
SATA PHY ground reference
K2,
L3,
M1
(1)
I = Input, O = Output, I/O = Bidirectional, Z = High impedance, PWR = Supply voltage, GND = Ground, A = Analog signal.
Note: The pin type shown refers to the input, output or high-impedance state of the pin function when configured as the signal name
highlighted in bold. All multiplexed signals may enter a high-impedance state when the configured function is input-only or the configured
function supports high-Z operation. All GPIO signals can be used as input or output. For multiplexed pins where functions have different
types (ie., input versus output), the table reflects the pin function direction for that particular peripheral.
(2)
IPD = Internal Pulldown resistor; IPU = Internal Pullup resistor; CP[n] = configurable pull-up/pull-down (where n is the pin group) using
the PUPDENA and PUPDSEL registers in the System Module. The pull-up and pull-down control of these pins is not active until the
device is out of reset. During reset, all of the pins associated with these registers are weakly pulled down. If the application requires a
pull-up, an external pull-up can be used.
(3)
This signal is part of a dual-voltage IO group (A, B or C). These groups can be operated at 3.3V or 1.8V nominal. The three groups can
be operated at independent voltages but all pins withina group will operate at the same voltage. Group A operates at the voltage of
power supply DVDD3318_A. Group B operates at the voltage of power supply DVDD3318_B. Group C operates at the voltage of power
supply DVDD3318_C.
46
Device Overview
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com