Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1808AZCED3 Datasheet(PDF) 27 Page - Texas Instruments

Part # AM1808AZCED3
Description  AM1808 ARM Microprocessor
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1808AZCED3 Datasheet(HTML) 27 Page - Texas Instruments

Back Button AM1808AZCED3 Datasheet HTML 23Page - Texas Instruments AM1808AZCED3 Datasheet HTML 24Page - Texas Instruments AM1808AZCED3 Datasheet HTML 25Page - Texas Instruments AM1808AZCED3 Datasheet HTML 26Page - Texas Instruments AM1808AZCED3 Datasheet HTML 27Page - Texas Instruments AM1808AZCED3 Datasheet HTML 28Page - Texas Instruments AM1808AZCED3 Datasheet HTML 29Page - Texas Instruments AM1808AZCED3 Datasheet HTML 30Page - Texas Instruments AM1808AZCED3 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 264 page
background image
AM1808
www.ti.com
SPRS653A – FEBRUARY 2010 – REVISED APRIL 2010
3.7.7
Serial Peripheral Interface Modules (SPI)
Table 3-9. Serial Peripheral Interface (SPI) Terminal Functions
SIGNAL
POWER
TYPE(1)
PULL(2)
DESCRIPTION
GROUP(3)
NAME
NO.
SPI0
SPI0_CLK / EPWM0A / GP1[8] / MII_RXCLK
D19
I/O
CP[7]
A
SPI0 clock
SPI0_ENA / EPWM0B / PRU0_R30[6] / MII_RXDV
C17
I/O
CP[7]
A
SPI0 enable
SPI0_SCS[0] / TM64P1_OUT12 / GP1[6] / MDIO_D / TM64P1_IN12
D17
I/O
CP[10]
A
SPI0_SCS[1] / TM64P0_OUT12 / GP1[7] / MDIO_CLK /
E16
I/O
CP[10]
A
TM64P0_IN12
SPI0_SCS[2] / UART0_RTS / GP8[1] / MII_RXD[0] /SATA_CP_DET
D16
I/O
CP[9]
A
SPI0 chip selects
SPI0_SCS[3] / UART0_CTS / GP8[2] / MII_RXD[1] /
E17
I/O
CP[9]
A
SATA_MP_SWITCH
SPI0_SCS[4] / UART0_TXD / GP8[3] / MII_RXD[2]
D18
I/O
CP[8]
A
SPI0_SCS[5] / UART0_RXD / GP8[4] / MII_RXD[3]
C19
I/O
CP[8]
A
SPI0 data
SPI0_SIMO / EPWMSYNCO / GP8[5] / MII_CRS
C18
I/O/Z
CP[7]
A
slave-in-master-out
SPI0 data
SPI0_SOMI / EPWMSYNCI / GP8[6] / MII_RXER
C16
I/O/Z
CP[7]
A
slave-out-master-in
SPI1
SPI1_CLK / GP2[13]
G19
I/O
CP[15]
A
SPI1 clock
SPI1_ENA / GP2[12]
H16
I/O
CP[15]
A
SPI1 enable
SPI1_SCS[0] / EPWM1B / PRU0_R30[8] / GP2[14] / TM64P3_IN12
E19
I/O
CP[14]
A
SPI1_SCS[1] / EPWM1A / PRU0_R30[7] / GP2[15] / TM64P2_IN12
F18
I/O
CP[14]
A
SPI1_SCS[2] / UART1_TXD / SATA_CP_POD /GP1[0]
F19
I/O
CP[13]
A
SPI1_SCS[3] / UART1_RXD / SATA_LED /GP1[1]
E18
I/O
CP[13]
A
SPI1 chip selects
SPI1_SCS[4] / UART2_TXD / I2C1_SDA /GP1[2]
F16
I/O
CP[12]
A
SPI1_SCS[5] / UART2_RXD / I2C1_SCL /GP1[3]
F17
I/O
CP[12]
A
SPI1_SCS[6] / I2C0_SDA / TM64P3_OUT12 / GP1[4]
G18
I/O
CP[11]
A
SPI1_SCS[7] / I2C0_SCL / TM64P2_OUT12 / GP1[5]
G16
I/O
CP[11]
A
SPI1 data
SPI1_SIMO / GP2[10]
G17
I/O/Z
CP[15]
A
slave-in-master-out
SPI1 data
SPI1_SOMI / GP2[11]
H17
I/O/Z
CP[15]
A
slave-out-master-in
(1)
I = Input, O = Output, I/O = Bidirectional, Z = High impedance, PWR = Supply voltage, GND = Ground, A = Analog signal.
Note: The pin type shown refers to the input, output or high-impedance state of the pin function when configured as the signal name
highlighted in bold. All multiplexed signals may enter a high-impedance state when the configured function is input-only or the configured
function supports high-Z operation. All GPIO signals can be used as input or output. For multiplexed pins where functions have different
types (ie., input versus output), the table reflects the pin function direction for that particular peripheral.
(2)
IPD = Internal Pulldown resistor; IPU = Internal Pullup resistor; CP[n] = configurable pull-up/pull-down (where n is the pin group) using
the PUPDENA and PUPDSEL registers in the System Module. The pull-up and pull-down control of these pins is not active until the
device is out of reset. During reset, all of the pins associated with these registers are weakly pulled down. If the application requires a
pull-up, an external pull-up can be used.
(3)
This signal is part of a dual-voltage IO group (A, B or C). These groups can be operated at 3.3V or 1.8V nominal. The three groups can
be operated at independent voltages but all pins withina group will operate at the same voltage. Group A operates at the voltage of
power supply DVDD3318_A. Group B operates at the voltage of power supply DVDD3318_B. Group C operates at the voltage of power
supply DVDD3318_C.
Copyright © 2010, Texas Instruments Incorporated
Device Overview
27
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com