Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1808AZCED3 Datasheet(PDF) 25 Page - Texas Instruments

Part # AM1808AZCED3
Description  AM1808 ARM Microprocessor
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1808AZCED3 Datasheet(HTML) 25 Page - Texas Instruments

Back Button AM1808AZCED3 Datasheet HTML 21Page - Texas Instruments AM1808AZCED3 Datasheet HTML 22Page - Texas Instruments AM1808AZCED3 Datasheet HTML 23Page - Texas Instruments AM1808AZCED3 Datasheet HTML 24Page - Texas Instruments AM1808AZCED3 Datasheet HTML 25Page - Texas Instruments AM1808AZCED3 Datasheet HTML 26Page - Texas Instruments AM1808AZCED3 Datasheet HTML 27Page - Texas Instruments AM1808AZCED3 Datasheet HTML 28Page - Texas Instruments AM1808AZCED3 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 264 page
background image
AM1808
www.ti.com
SPRS653A – FEBRUARY 2010 – REVISED APRIL 2010
3.7.6
DDR2 Controller (DDR2)
Table 3-8. DDR2 Controller (DDR2) Terminal Functions
SIGNAL
TYPE(1)
PULL(2)
DESCRIPTION
NAME
NO.
DDR_D[15]
W10
I/O
IPD
DDR_D[14]
U11
I/O
IPD
DDR_D[13]
V10
I/O
IPD
DDR_D[12]
U10
I/O
IPD
DDR_D[11]
T12
I/O
IPD
DDR_D[10]
T10
I/O
IPD
DDR_D[9]
T11
I/O
IPD
DDR_D[8]
T13
I/O
IPD
DDR2 SDRAM data bus
DDR_D[7]
W11
I/O
IPD
DDR_D[6]
W12
I/O
IPD
DDR_D[5]
V12
I/O
IPD
DDR_D[4]
V13
I/O
IPD
DDR_D[3]
U13
I/O
IPD
DDR_D[2]
V14
I/O
IPD
DDR_D[1]
U14
I/O
IPD
DDR_D[0]
U15
I/O
IPD
DDR_A[13]
T5
O
IPD
DDR_A[12]
V4
O
IPD
DDR_A[11]
T4
O
IPD
DDR_A[10]
W4
O
IPD
DDR_A[9]
T6
O
IPD
DDR_A[8]
U4
O
IPD
DDR_A[7]
U6
O
IPD
DDR2 row/column address
DDR_A[6]
W5
O
IPD
DDR_A[5]
V5
O
IPD
DDR_A[4]
U5
O
IPD
DDR_A[3]
V6
O
IPD
DDR_A[2]
W6
O
IPD
DDR_A[1]
T7
O
IPD
DDR_A[0]
U7
O
IPD
DDR_CLKP
W8
O
IPD
DDR2 clock (positive)
DDR_CLKN
W7
O
IPD
DDR2 clock (negative)
DDR_CKE
V7
O
IPD
DDR2 clock enable
DDR_WE
T8
O
IPD
DDR2 write enable
DDR_RAS
W9
O
IPD
DDR2 row address strobe
DDR_CAS
U9
O
IPD
DDR2 column address strobe
DDR_CS
V9
O
IPD
DDR2 chip select
DDR_DQM[0]
W13
O
IPD
DDR2 data mask outputs
DDR_DQM[1]
R10
O
IPD
(1)
I = Input, O = Output, I/O = Bidirectional, Z = High impedance, PWR = Supply voltage, GND = Ground, A = Analog signal.
Note: The pin type shown refers to the input, output or high-impedance state of the pin function when configured as the signal name
highlighted in bold. All multiplexed signals may enter a high-impedance state when the configured function is input-only or the configured
function supports high-Z operation. All GPIO signals can be used as input or output. For multiplexed pins where functions have different
types (ie., input versus output), the table reflects the pin function direction for that particular peripheral.
(2)
IPD = Internal Pulldown resistor; IPU = Internal Pullup resistor; CP[n] = configurable pull-up/pull-down (where n is the pin group) using
the PUPDENA and PUPDSEL registers in the System Module.
Copyright © 2010, Texas Instruments Incorporated
Device Overview
25
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com