Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1808AZCED3 Datasheet(PDF) 20 Page - Texas Instruments

Part # AM1808AZCED3
Description  AM1808 ARM Microprocessor
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1808AZCED3 Datasheet(HTML) 20 Page - Texas Instruments

Back Button AM1808AZCED3 Datasheet HTML 16Page - Texas Instruments AM1808AZCED3 Datasheet HTML 17Page - Texas Instruments AM1808AZCED3 Datasheet HTML 18Page - Texas Instruments AM1808AZCED3 Datasheet HTML 19Page - Texas Instruments AM1808AZCED3 Datasheet HTML 20Page - Texas Instruments AM1808AZCED3 Datasheet HTML 21Page - Texas Instruments AM1808AZCED3 Datasheet HTML 22Page - Texas Instruments AM1808AZCED3 Datasheet HTML 23Page - Texas Instruments AM1808AZCED3 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 264 page
background image
AM1808
SPRS653A – FEBRUARY 2010 – REVISED APRIL 2010
www.ti.com
3.7.2
High-Frequency Oscillator and PLL
Table 3-4. High-Frequency Oscillator and PLL Terminal Functions
SIGNAL
POWER
TYPE(1)
PULL(2)
DESCRIPTION
GROUP(3)
NAME
NO.
CLKOUT / UHPI_HDS2 /
T18
O
CP[22]
C
PLL Observation Clock
PRU1_R30[13] / GP6[14]
1.2-V OSCILLATOR
OSCIN
L19
I
—
—
Oscillator input
OSCOUT
K19
O
—
—
Oscillator output
OSCVSS
L18
GND
—
—
Oscillator ground (for filter only)
1.2-V PLL0
PLL0_VDDA
L15
PWR
—
—
PLL analog VDD (1.2-V filtered supply)
PLL0_VSSA
M17
GND
—
—
PLL analog VSS (for filter)
1.2-V PLL1
PLL1_VDDA
N15
PWR
—
—
PLL analog VDD (1.2-V filtered supply)
PLL1_VSSA
M15
GND
—
—
PLL analog VSS (for filter)
(1)
I = Input, O = Output, I/O = Bidirectional, Z = High impedance, PWR = Supply voltage, GND = Ground, A = Analog signal.
Note: For multiplexed pins where functions have different types (ie., input versus output), the table reflects the pin function direction for
that particular peripheral.
(2)
IPD = Internal Pulldown resistor; IPU = Internal Pullup resistor; CP[n] = configurable pull-up/pull-down (where n is the pin group) using
the PUPDENA and PUPDSEL registers in the System Module.
(3)
This signal is part of a dual-voltage IO group (A, B or C). These groups can be operated at 3.3V or 1.8V nominal. The three groups can
be operated at independent voltages but all pins withina group will operate at the same voltage. Group A operates at the voltage of
power supply DVDD3318_A. Group B operates at the voltage of power supply DVDD3318_B. Group C operates at the voltage of power
supply DVDD3318_C.
20
Device Overview
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com