Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1808AZCED3 Datasheet(PDF) 65 Page - Texas Instruments

Part # AM1808AZCED3
Description  AM1808 ARM Microprocessor
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1808AZCED3 Datasheet(HTML) 65 Page - Texas Instruments

Back Button AM1808AZCED3 Datasheet HTML 61Page - Texas Instruments AM1808AZCED3 Datasheet HTML 62Page - Texas Instruments AM1808AZCED3 Datasheet HTML 63Page - Texas Instruments AM1808AZCED3 Datasheet HTML 64Page - Texas Instruments AM1808AZCED3 Datasheet HTML 65Page - Texas Instruments AM1808AZCED3 Datasheet HTML 66Page - Texas Instruments AM1808AZCED3 Datasheet HTML 67Page - Texas Instruments AM1808AZCED3 Datasheet HTML 68Page - Texas Instruments AM1808AZCED3 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 264 page
background image
AM1808
www.ti.com
SPRS653A – FEBRUARY 2010 – REVISED APRIL 2010
5
Device Operating Conditions
5.1
Absolute Maximum Ratings Over Operating Junction Temperature Range
(Unless Otherwise Noted)
(1)
Core Logic, Variable and Fixed
-0.5 V to 1.4 V
(CVDD, RVDD, RTC_CVDD, PLL0_VDDA , PLL1_VDDA ,
SATA_VDD, USB_CVDD ) (2)
I/O, 1.8V
-0.5 V to 2 V
Supply voltage ranges
(USB0_VDDA18, USB1_VDDA18, SATA_VDDR, DDR_DVDD18) (2)
I/O, 3.3V
-0.5 V to 3.8V
(DVDD3318_A, DVDD3318_B, DVDD3318_C, USB0_VDDA33,
USB1_VDDA33) (2)
Oscillator inputs (OSCIN, RTC_XI), 1.2V
-0.3 V to CVDD + 0.3V
Dual-voltage LVCMOS inputs, 3.3V or 1.8V (Steady State)
-0.3V to DVDD + 0.3V
Dual-voltage LVCMOS inputs, 3.3V or 1.8V (Transient)
DVDD + 20%
up to 20% of Signal
Input voltage (VI) ranges
Period
USB 5V Tolerant IOs:
5.25V(3)
(USB0_DM, USB0_DP, USB0_ID, USB1_DM, USB1_DP)
USB0 VBUS Pin
5.50V(3)
Dual-voltage LVCMOS outputs, 3.3V or 1.8V
-0.5 V to DVDD + 0.3V
(Steady State)
Output voltage (VO) ranges
Dual-voltage LVCMOS outputs, 3.3V or 1.8V
DVDD + 20%
(Transient)
up to 20% of Signal
Period
Input or Output Voltages 0.3V above or below their respective power
±20mA
Clamp Current
rails. Limit clamp current that flows through the I/O's internal diode
protection cells.
Commercial (default)
0°C to 90°C
Operating Junction Temperature ranges,
TJ
Extended (A version)
-40°C to 105°C
Storage temperature range, Tstg
(default)
-55°C to 150°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to VSS, USB0_VSSA33, USB0_VSSA, PLL0_VSSA, OSCVSS, RTC_VSS
(3)
Up to a maximum of 24 hours.
Copyright © 2010, Texas Instruments Incorporated
Device Operating Conditions
65
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com