Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1808AZCED3 Datasheet(PDF) 92 Page - Texas Instruments

Part # AM1808AZCED3
Description  AM1808 ARM Microprocessor
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1808AZCED3 Datasheet(HTML) 92 Page - Texas Instruments

Back Button AM1808AZCED3 Datasheet HTML 88Page - Texas Instruments AM1808AZCED3 Datasheet HTML 89Page - Texas Instruments AM1808AZCED3 Datasheet HTML 90Page - Texas Instruments AM1808AZCED3 Datasheet HTML 91Page - Texas Instruments AM1808AZCED3 Datasheet HTML 92Page - Texas Instruments AM1808AZCED3 Datasheet HTML 93Page - Texas Instruments AM1808AZCED3 Datasheet HTML 94Page - Texas Instruments AM1808AZCED3 Datasheet HTML 95Page - Texas Instruments AM1808AZCED3 Datasheet HTML 96Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 264 page
background image
AM1808
SPRS653A – FEBRUARY 2010 – REVISED APRIL 2010
www.ti.com
6.9.2
EDMA Peripheral Register Descriptions
Table 6-13 is the list of EDMA3 Channel Controller Registers and Table 6-14 is the list of EDMA3 Transfer
Controller registers.
Table 6-13. EDMA3 Channel Controller (EDMA3CC) Registers
EDMA0 Channel Controller
EDMA1 Channel Controller
ACRONYM
REGISTER DESCRIPTION
0
0
BYTE ADDRESS
BYTE ADDRESS
0x01C0 0000
0x01E3 0000
PID
Peripheral Identification Register
0x01C0 0004
0x01E3 0004
CCCFG
EDMA3CC Configuration Register
Global Registers
0x01C0 0200
0x01E3 0200
QCHMAP0
QDMA Channel 0 Mapping Register
0x01C0 0204
0x01E3 0204
QCHMAP1
QDMA Channel 1 Mapping Register
0x01C0 0208
0x01E3 0208
QCHMAP2
QDMA Channel 2 Mapping Register
0x01C0 020C
0x01E3 020C
QCHMAP3
QDMA Channel 3 Mapping Register
0x01C0 0210
0x01E3 0210
QCHMAP4
QDMA Channel 4 Mapping Register
0x01C0 0214
0x01E3 0214
QCHMAP5
QDMA Channel 5 Mapping Register
0x01C0 0218
0x01E3 0218
QCHMAP6
QDMA Channel 6 Mapping Register
0x01C0 021C
0x01E3 021C
QCHMAP7
QDMA Channel 7 Mapping Register
0x01C0 0240
0x01E3 0240
DMAQNUM0
DMA Channel Queue Number Register 0
0x01C0 0244
0x01E3 0244
DMAQNUM1
DMA Channel Queue Number Register 1
0x01C0 0248
0x01E3 0248
DMAQNUM2
DMA Channel Queue Number Register 2
0x01C0 024C
0x01E3 024C
DMAQNUM3
DMA Channel Queue Number Register 3
0x01C0 0260
0x01E3 0260
QDMAQNUM QDMA Channel Queue Number Register
0x01C0 0284
0x01E3 0284
QUEPRI
Queue Priority Register(1)
0x01C0 0300
0x01E3 0300
EMR
Event Missed Register
0x01C0 0308
0x01E3 0308
EMCR
Event Missed Clear Register
0x01C0 0310
0x01E3 0310
QEMR
QDMA Event Missed Register
0x01C0 0314
0x01E3 0314
QEMCR
QDMA Event Missed Clear Register
0x01C0 0318
0x01E3 0318
CCERR
EDMA3CC Error Register
0x01C0 031C
0x01E3 031C
CCERRCLR
EDMA3CC Error Clear Register
0x01C0 0320
0x01E3 0320
EEVAL
Error Evaluate Register
0x01C0 0340
0x01E3 0340
DRAE0
DMA Region Access Enable Register for Region 0
0x01C0 0348
0x01E3 0348
DRAE1
DMA Region Access Enable Register for Region 1
0x01C0 0350
0x01E3 0350
DRAE2
DMA Region Access Enable Register for Region 2
0x01C0 0358
0x01E3 0358
DRAE3
DMA Region Access Enable Register for Region 3
0x01C0 0380
0x01E3 0380
QRAE0
QDMA Region Access Enable Register for Region 0
0x01C0 0384
0x01E3 0384
QRAE1
QDMA Region Access Enable Register for Region 1
0x01C0 0388
0x01E3 0388
QRAE2
QDMA Region Access Enable Register for Region 2
0x01C0 038C
0x01E3 038C
QRAE3
QDMA Region Access Enable Register for Region 3
0x01C0 0400 - 0x01C0 043C
0x01E3 0400 - 0x01E3 043C
Q0E0-Q0E15
Event Queue Entry Registers Q0E0-Q0E15
0x01C0 0440 - 0x01C0 047C
0x01E3 0440 - 0x01E3 047C
Q1E0-Q1E15
Event Queue Entry Registers Q1E0-Q1E15
0x01C0 0600
0x01E3 0600
QSTAT0
Queue 0 Status Register
0x01C0 0604
0x01E3 0604
QSTAT1
Queue 1 Status Register
0x01C0 0620
0x01E3 0620
QWMTHRA
Queue Watermark Threshold A Register
0x01C0 0640
0x01E3 0640
CCSTAT
EDMA3CC Status Register
Global Channel Registers
(1)
On previous architectures, the EDMA3TC priority was controlled by the queue priority register (QUEPRI) in the EDMA3CC
memory-map. However for this device, the priority control for the transfer controllers is controlled by the chip-level registers in the
System Configuration Module. You should use the chip-level registers and not QUEPRI to configure the TC priority.
92
Peripheral Information and Electrical Specifications
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com