Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1808AZCED3 Datasheet(PDF) 91 Page - Texas Instruments

Part # AM1808AZCED3
Description  AM1808 ARM Microprocessor
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1808AZCED3 Datasheet(HTML) 91 Page - Texas Instruments

Back Button AM1808AZCED3 Datasheet HTML 87Page - Texas Instruments AM1808AZCED3 Datasheet HTML 88Page - Texas Instruments AM1808AZCED3 Datasheet HTML 89Page - Texas Instruments AM1808AZCED3 Datasheet HTML 90Page - Texas Instruments AM1808AZCED3 Datasheet HTML 91Page - Texas Instruments AM1808AZCED3 Datasheet HTML 92Page - Texas Instruments AM1808AZCED3 Datasheet HTML 93Page - Texas Instruments AM1808AZCED3 Datasheet HTML 94Page - Texas Instruments AM1808AZCED3 Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 264 page
background image
AM1808
www.ti.com
SPRS653A – FEBRUARY 2010 – REVISED APRIL 2010
6.9
EDMA
The EDMA controller handles all data transfers between memories and the device slave peripherals on
the
device.
These
data
transfers
include
cache
servicing,
non-cacheable
memory
accesses,
user-programmed data transfers, and host accesses.
6.9.1
EDMA3 Channel Synchronization Events
Each EDMA channel controller supports up to 32 channels which service peripherals and memory.
Table 6-12lists the source of the EDMA synchronization events associated with each of the programmable
EDMA channels.
Table 6-12. EDMA Synchronization Events
EDMA0 Channel Controller 0
Event
Event Name / Source
Event
Event Name / Source
0
McASP0 Receive
16
MMCSD0 Receive
1
McASP0 Transmit
17
MMCSD0 Transmit
2
McBSP0 Receive
18
SPI1 Receive
3
McBSP0 Transmit
19
SPI1 Transmit
4
McBSP1 Receive
20
PRU_EVTOUT6
5
McBSP1 Transmit
21
PRU_EVTOUT7
6
GPIO Bank 0 Interrupt
22
GPIO Bank 2 Interrupt
7
GPIO Bank 1 Interrupt
23
GPIO Bank 3 Interrupt
8
UART0 Receive
24
I2C0 Receive
9
UART0 Transmit
25
I2C0 Transmit
10
Timer64P0 Event Out 12
26
I2C1 Receive
11
Timer64P0 Event Out 34
27
I2C1 Transmit
12
UART1 Receive
28
GPIO Bank 4 Interrupt
13
UART1 Transmit
29
GPIO Bank 5 Interrupt
14
SPI0 Receive
30
UART2 Receive
15
SPI0 Transmit
31
UART2 Transmit
EDMA1 Channel Controller 1
Event
Event Name / Source
Event
Event Name / Source
0
Timer64P2 Compare Event 0
16
GPIO Bank 6 Interrupt
1
Timer64P2 Compare Event 1
17
GPIO Bank 7 Interrupt
2
Timer64P2 Compare Event 2
18
GPIO Bank 8 Interrupt
3
Timer64P2 Compare Event 3
19
Reserved
4
Timer64P2 Compare Event 4
20
Reserved
5
Timer64P2 Compare Event 5
21
Reserved
6
Timer64P2 Compare Event 6
22
Reserved
7
Timer64P2 Compare Event 7
23
Reserved
8
Timer64P3 Compare Event 0
24
Timer64P2 Event Out 12
9
Timer64P3 Compare Event 1
25
Timer64P2 Event Out 34
10
Timer64P3 Compare Event 2
26
Timer64P3 Event Out 12
11
Timer64P3 Compare Event 3
27
Timer64P3 Event Out 34
12
Timer64P3 Compare Event 4
28
MMCSD0 Receive
13
Timer64P3 Compare Event 5
29
MMCSD0 Transmit
14
Timer64P3 Compare Event 6
30
Reserved
15
Timer64P3 Compare Event 7
31
Reserved
Copyright © 2010, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
91
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com