Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1808AZCED3 Datasheet(PDF) 95 Page - Texas Instruments

Part # AM1808AZCED3
Description  AM1808 ARM Microprocessor
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1808AZCED3 Datasheet(HTML) 95 Page - Texas Instruments

Back Button AM1808AZCED3 Datasheet HTML 91Page - Texas Instruments AM1808AZCED3 Datasheet HTML 92Page - Texas Instruments AM1808AZCED3 Datasheet HTML 93Page - Texas Instruments AM1808AZCED3 Datasheet HTML 94Page - Texas Instruments AM1808AZCED3 Datasheet HTML 95Page - Texas Instruments AM1808AZCED3 Datasheet HTML 96Page - Texas Instruments AM1808AZCED3 Datasheet HTML 97Page - Texas Instruments AM1808AZCED3 Datasheet HTML 98Page - Texas Instruments AM1808AZCED3 Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 264 page
background image
AM1808
www.ti.com
SPRS653A – FEBRUARY 2010 – REVISED APRIL 2010
Table 6-14. EDMA3 Transfer Controller (EDMA3TC) Registers (continued)
EDMA0
EDMA0
EDMA1
ACRONYM
REGISTER DESCRIPTION
Transfer
Transfer
Transfer
Controller 0
Controller 1
Controller 0
BYTE ADDRESS
BYTE ADDRESS
BYTE ADDRESS
0x01C0 8288
0x01C0 8688
0x01E3 8288
DFDSTBREF
Destination FIFO Set Destination Address B-Reference
Register
0x01C0 8300
0x01C0 8700
0x01E3 8300
DFOPT0
Destination FIFO Options Register 0
0x01C0 8304
0x01C0 8704
0x01E3 8304
DFSRC0
Destination FIFO Source Address Register 0
0x01C0 8308
0x01C0 8708
0x01E3 8308
DFCNT0
Destination FIFO Count Register 0
0x01C0 830C
0x01C0 870C
0x01E3 830C
DFDST0
Destination FIFO Destination Address Register 0
0x01C0 8310
0x01C0 8710
0x01E3 8310
DFBIDX0
Destination FIFO B-Index Register 0
0x01C0 8314
0x01C0 8714
0x01E3 8314
DFMPPRXY0
Destination FIFO Memory Protection Proxy Register 0
0x01C0 8340
0x01C0 8740
0x01E3 8340
DFOPT1
Destination FIFO Options Register 1
0x01C0 8344
0x01C0 8744
0x01E3 8344
DFSRC1
Destination FIFO Source Address Register 1
0x01C0 8348
0x01C0 8748
0x01E3 8348
DFCNT1
Destination FIFO Count Register 1
0x01C0 834C
0x01C0 874C
0x01E3 834C
DFDST1
Destination FIFO Destination Address Register 1
0x01C0 8350
0x01C0 8750
0x01E3 8350
DFBIDX1
Destination FIFO B-Index Register 1
0x01C0 8354
0x01C0 8754
0x01E3 8354
DFMPPRXY1
Destination FIFO Memory Protection Proxy Register 1
0x01C0 8380
0x01C0 8780
0x01E3 8380
DFOPT2
Destination FIFO Options Register 2
0x01C0 8384
0x01C0 8784
0x01E3 8384
DFSRC2
Destination FIFO Source Address Register 2
0x01C0 8388
0x01C0 8788
0x01E3 8388
DFCNT2
Destination FIFO Count Register 2
0x01C0 838C
0x01C0 878C
0x01E3 838C
DFDST2
Destination FIFO Destination Address Register 2
0x01C0 8390
0x01C0 8790
0x01E3 8390
DFBIDX2
Destination FIFO B-Index Register 2
0x01C0 8394
0x01C0 8794
0x01E3 8394
DFMPPRXY2
Destination FIFO Memory Protection Proxy Register 2
0x01C0 83C0
0x01C0 87C0
0x01E3 83C0
DFOPT3
Destination FIFO Options Register 3
0x01C0 83C4
0x01C0 87C4
0x01E3 83C4
DFSRC3
Destination FIFO Source Address Register 3
0x01C0 83C8
0x01C0 87C8
0x01E3 83C8
DFCNT3
Destination FIFO Count Register 3
0x01C0 83CC
0x01C0 87CC
0x01E3 83CC
DFDST3
Destination FIFO Destination Address Register 3
0x01C0 83D0
0x01C0 87D0
0x01E3 83D0
DFBIDX3
Destination FIFO B-Index Register 3
0x01C0 83D4
0x01C0 87D4
0x01E3 83D4
DFMPPRXY3
Destination FIFO Memory Protection Proxy Register 3
Table 6-15 shows an abbreviation of the set of registers which make up the parameter set for each of 128
EDMA events. Each of the parameter register sets consist of 8 32-bit word entries. Table 6-16 shows the
parameter set entry registers with relative memory address locations within each of the parameter sets.
Table 6-15. EDMA Parameter Set RAM
EDMA0
EDMA1
Channel Controller 0
Channel Controller 0
DESCRIPTION
BYTE ADDRESS RANGE
BYTE ADDRESS RANGE
0x01C0 4000 - 0x01C0 401F
0x01E3 4000 - 0x01E3 401F
Parameters Set 0 (8 32-bit words)
0x01C0 4020 - 0x01C0 403F
0x01E3 4020 - 0x01E3 403F
Parameters Set 1 (8 32-bit words)
0x01C0 4040 - 0x01CC0 405F
0x01E3 4040 - 0x01CE3 405F
Parameters Set 2 (8 32-bit words)
0x01C0 4060 - 0x01C0 407F
0x01E3 4060 - 0x01E3 407F
Parameters Set 3 (8 32-bit words)
0x01C0 4080 - 0x01C0 409F
0x01E3 4080 - 0x01E3 409F
Parameters Set 4 (8 32-bit words)
0x01C0 40A0 - 0x01C0 40BF
0x01E3 40A0 - 0x01E3 40BF
Parameters Set 5 (8 32-bit words)
...
...
...
0x01C0 4FC0 - 0x01C0 4FDF
0x01E3 4FC0 - 0x01E3 4FDF
Parameters Set 126 (8 32-bit words)
0x01C0 4FE0 - 0x01C0 4FFF
0x01E3 4FE0 - 0x01E3 4FFF
Parameters Set 127 (8 32-bit words)
Copyright © 2010, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
95
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com