Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1808AZCED3 Datasheet(PDF) 111 Page - Texas Instruments

Part # AM1808AZCED3
Description  AM1808 ARM Microprocessor
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1808AZCED3 Datasheet(HTML) 111 Page - Texas Instruments

Back Button AM1808AZCED3 Datasheet HTML 107Page - Texas Instruments AM1808AZCED3 Datasheet HTML 108Page - Texas Instruments AM1808AZCED3 Datasheet HTML 109Page - Texas Instruments AM1808AZCED3 Datasheet HTML 110Page - Texas Instruments AM1808AZCED3 Datasheet HTML 111Page - Texas Instruments AM1808AZCED3 Datasheet HTML 112Page - Texas Instruments AM1808AZCED3 Datasheet HTML 113Page - Texas Instruments AM1808AZCED3 Datasheet HTML 114Page - Texas Instruments AM1808AZCED3 Datasheet HTML 115Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 264 page
background image
AM1808
www.ti.com
SPRS653A – FEBRUARY 2010 – REVISED APRIL 2010
6.11.3.2 Compatible JEDEC DDR2/mDDR Devices
Table 6-25 shows the parameters of the JEDEC DDR2/mDDR devices that are compatible with this
interface. Generally, the DDR2/mDDR interface is compatible with x16 DDR2/mDDR-400 speed grade
DDR2/mDDR devices.
The device also supports JEDEC DDR2/mDDR x8 devices in the dual chip configuration. In this case, one
chip supplies the upper byte and the second chip supplies the lower byte. Addresses and most control
signals are shared just like regular dual chip memory configurations.
Table 6-25. Compatible JEDEC DDR2/mDDR Devices
No.
Parameter
Min
Max
Unit
Notes
1
JEDEC DDR2/mDDR Device Speed Grade
DDR2/mDDR-400
See Note (1)
2
JEDEC DDR2/mDDR Device Bit Width
x8
x16
Bits
3
JEDEC DDR2/mDDR Device Count
1
2
Devices
See Note (2)
(1)
Higher DDR2/mDDR speed grades are supported due to inherent JEDEC DDR2/mDDR backwards compatibility.
(2)
Supported configurations are one 16-bit DDR2/mDDR memory or two 8-bit DDR2/mDDR memories
6.11.3.3 PCB Stackup
The minimum stackup required for routing the device is a six layer stack as shown in Table 6-26.
Additional layers may be added to the PCB stack up to accommodate other circuitry or to reduce the size
of the PCB footprint.Complete stack up specifications are provided in Table 6-27.
Table 6-26. Device Minimum PCB Stack Up
Layer
Type
Description
1
Signal
Top Routing Mostly Horizontal
2
Plane
Ground
3
Plane
Power
4
Signal
Internal Routing
5
Plane
Ground
6
Signal
Bottom Routing Mostly Vertical
Table 6-27. PCB Stack Up Specifications
No. Parameter
Min
Typ
Max
Unit
Notes
1
PCB Routing/Plane Layers
6
2
Signal Routing Layers
3
3
Full ground layers under DDR2/mDDR routing region
2
4
Number of ground plane cuts allowed within DDR routing region
0
5
Number of ground reference planes required for each DDR2/mDDR routing layer
1
6
Number of layers between DDR2/mDDR routing layer and reference ground plane
0
7
PCB Routing Feature Size
4
Mils
8
PCB Trace Width w
4
Mils
8
PCB BGA escape via pad size
18
Mils
9
PCB BGA escape via hole size
8
Mils
10
Device BGA pad size
See Note (1)
11
DDR2/mDDR Device BGA pad size
See Note (2)
12
Single Ended Impedance, Zo
50
75
Ω
13
Impedance Control
Z-5
Z
Z+5
Ω
See Note (3)
(1)
Please refer to the Flip Chip Ball Grid Array Package Reference Guide (SPRU811) for device BGA pad size.
(2)
Please refer to the DDR2/mDDR device manufacturer documentation for the DDR2/mDDR device BGA pad size.
(3)
Z is the nominal singled ended impedance selected for the PCB specified by item 12.
Copyright © 2010, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
111
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com