Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1808AZCED3 Datasheet(PDF) 119 Page - Texas Instruments

Part # AM1808AZCED3
Description  AM1808 ARM Microprocessor
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1808AZCED3 Datasheet(HTML) 119 Page - Texas Instruments

Back Button AM1808AZCED3 Datasheet HTML 115Page - Texas Instruments AM1808AZCED3 Datasheet HTML 116Page - Texas Instruments AM1808AZCED3 Datasheet HTML 117Page - Texas Instruments AM1808AZCED3 Datasheet HTML 118Page - Texas Instruments AM1808AZCED3 Datasheet HTML 119Page - Texas Instruments AM1808AZCED3 Datasheet HTML 120Page - Texas Instruments AM1808AZCED3 Datasheet HTML 121Page - Texas Instruments AM1808AZCED3 Datasheet HTML 122Page - Texas Instruments AM1808AZCED3 Datasheet HTML 123Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 264 page
background image
A1
A1
T
T
F
AM1808
www.ti.com
SPRS653A – FEBRUARY 2010 – REVISED APRIL 2010
Figure 6-23 shows the routing for the DQGATE net class. Table 6-36 contains the routing specification.
Figure 6-23. DQGATE Routing
Table 6-36. DQGATE Routing Specification
No.
Parameter
Min
Typ
Max
Unit
Notes
1
DQGATE Length F
CKB0B1
See Note (1)
2
Center to center DQGATE to any other trace spacing
4w (2)
3
DQS/D nominal trace length
DQLM-50
DQLM
DQLM+50
Mils
4
DQGATE Skew
100
Mils
See Note (3)
(1)
CKB0B1 is the sum of the length of the CK net plus the average length of the DQS0 and DQS1 nets.
(2)
w = PCB trace width as defined in Table 6-27 .
(3)
Skew from CKB0B1
6.11.3.12 MDDR/DDR2 Boundary Scan Limitations
Due to DDR implementation and timing restrictions, it was not possible to place boundary scan cells
between core logic and the IO like boundary scan cells for other IO. Instead, the boundary scan cells are
tapped-off to the DDR PHY and there is the equivalent of a multiplexer inside the DDR PHY which selects
between functional and boundary scan paths.
The implication for boundary scan is that the DDR pins will not support the SAMPLE function of the output
enable cells on the DDR pins and this is a violation of IEEE 1149.1. Full EXTEST and PRELOAD
capability is still available.
Copyright © 2010, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
119
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com