Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1808AZCED3 Datasheet(PDF) 154 Page - Texas Instruments

Part # AM1808AZCED3
Description  AM1808 ARM Microprocessor
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1808AZCED3 Datasheet(HTML) 154 Page - Texas Instruments

Back Button AM1808AZCED3 Datasheet HTML 150Page - Texas Instruments AM1808AZCED3 Datasheet HTML 151Page - Texas Instruments AM1808AZCED3 Datasheet HTML 152Page - Texas Instruments AM1808AZCED3 Datasheet HTML 153Page - Texas Instruments AM1808AZCED3 Datasheet HTML 154Page - Texas Instruments AM1808AZCED3 Datasheet HTML 155Page - Texas Instruments AM1808AZCED3 Datasheet HTML 156Page - Texas Instruments AM1808AZCED3 Datasheet HTML 157Page - Texas Instruments AM1808AZCED3 Datasheet HTML 158Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 264 page
background image
AM1808
SPRS653A – FEBRUARY 2010 – REVISED APRIL 2010
www.ti.com
Table 6-68. General Timing Requirements for SPI0 Master Modes (1) (continued)
1.3V, 1.2V
1.1V
1.0V
NO.
PARAMETER
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
Input
Polarity = 0, Phase = 0,
4
4
5
Hold
from SPI0_CLK falling
Time,
Polarity = 0, Phase = 1,
4
4
5
SPI0_S
from SPI0_CLK rising
OMI
Polarity = 1, Phase = 0,
8
tih(SPC_SOMI)M
valid
ns
4
4
5
from SPI0_CLK rising
after
receive
edge of
Polarity = 1, Phase = 1,
4
4
5
SPI0_CL from SPI0_CLK falling
K
Table 6-69. General Timing Requirements for SPI0 Slave Modes(1)
1.3V, 1.2V
1.1V
1.0V
NO.
PARAMETER
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
9
tc(SPC)S
Cycle Time, SPI0_CLK, All Slave Modes
40(2)
256P
50(2)
256P
60(2)
256P
ns
10
tw(SPCH)S
Pulse Width High, SPI0_CLK, All Slave Modes
18
22
27
ns
11
tw(SPCL)S
Pulse Width Low, SPI0_CLK, All Slave Modes
18
22
27
ns
Polarity = 0, Phase = 0,
2P
2P
2P
to SPI0_CLK rising
Setup time, transmit
Polarity = 0, Phase = 1,
2P
2P
2P
data written to SPI
to SPI0_CLK rising
12
tsu(SOMI_SPC)S
before initial clock
ns
Polarity = 1, Phase = 0,
edge from
2P
2P
2P
to SPI0_CLK falling
master.(3) (4)
Polarity = 1, Phase = 1,
2P
2P
2P
to SPI0_CLK falling
Polarity = 0, Phase = 0,
17
20
27
from SPI0_CLK rising
Delay, subsequent
Polarity = 0, Phase = 1,
17
20
27
bits valid on
from SPI0_CLK falling
13
td(SPC_SOMI)S
SPI0_SOMI after
ns
Polarity = 1, Phase = 0,
transmit edge of
17
20
27
from SPI0_CLK falling
SPI0_CLK
Polarity = 1, Phase = 1,
17
20
27
from SPI0_CLK rising
Polarity = 0, Phase = 0,
0.5S-6
0.5S-16
0.5S-20
from SPI0_CLK falling
Output hold time,
Polarity = 0, Phase = 1,
0.5S-6
0.5S-16
0.5S-20
SPI0_SOMI valid
from SPI0_CLK rising
14
toh(SPC_SOMI)S
after
ns
Polarity = 1, Phase = 0,
receive edge of
0.5S-6
0.5S-16
0.5S-20
from SPI0_CLK rising
SPI0_CLK
Polarity = 1, Phase = 1,
0.5S-6
0.5S-16
0.5S-20
from SPI0_CLK falling
Polarity = 0, Phase = 0,
1.5
1.5
1.5
to SPI0_CLK falling
Input Setup Time,
Polarity = 0, Phase = 1,
1.5
1.5
1.5
SPI0_SIMO valid
to SPI0_CLK rising
15
tsu(SIMO_SPC)S
before
ns
Polarity = 1, Phase = 0,
receive edge of
1.5
1.5
1.5
to SPI0_CLK rising
SPI0_CLK
Polarity = 1, Phase = 1,
1.5
1.5
1.5
to SPI0_CLK falling
(1)
P = SYSCLK2 period; S = tc(SPC)S (SPI slave bit clock period)
(2)
This timing is limited by the timing shown or 3P, whichever is greater.
(3)
First bit may be MSB or LSB depending upon SPI configuration. SO(0) refers to first bit and SO(n) refers to last bit output on
SPI0_SOMI. SI(0) refers to the first bit input and SI(n) refers to the last bit input on SPI0_SIMO.
(4)
Measured from the termination of the write of new data to the SPI module, In analyzing throughput requirements, additional internal bus
cycles must be accounted for to allow data to be written to the SPI module by the CPU.
154
Peripheral Information and Electrical Specifications
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com