Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1808AZCED3 Datasheet(PDF) 206 Page - Texas Instruments

Part # AM1808AZCED3
Description  AM1808 ARM Microprocessor
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1808AZCED3 Datasheet(HTML) 206 Page - Texas Instruments

Back Button AM1808AZCED3 Datasheet HTML 202Page - Texas Instruments AM1808AZCED3 Datasheet HTML 203Page - Texas Instruments AM1808AZCED3 Datasheet HTML 204Page - Texas Instruments AM1808AZCED3 Datasheet HTML 205Page - Texas Instruments AM1808AZCED3 Datasheet HTML 206Page - Texas Instruments AM1808AZCED3 Datasheet HTML 207Page - Texas Instruments AM1808AZCED3 Datasheet HTML 208Page - Texas Instruments AM1808AZCED3 Datasheet HTML 209Page - Texas Instruments AM1808AZCED3 Datasheet HTML 210Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 264 page
background image
AM1808
SPRS653A – FEBRUARY 2010 – REVISED APRIL 2010
www.ti.com
6.24.2 LCD Raster Mode
Table 6-110. Switching Characteristics Over Recommended Operating Conditions for LCD Raster Mode
See Figure 6-60 through Figure 6-64
1.3V, 1.2V,
1.0V
1.1V
NO.
PARAMETER
UNIT
MIN
MAX
MIN
MAX
fclock(PIXEL_CLK)
Clock frequency, pixel clock
F/2(1)
F/2(1)
MHz
1
tc(PIXEL_CLK)
Cycle time, pixel clock
26.66
33.33
ns
2
tw(PIXEL_CLK_H)
Pulse duration, pixel clock high
10
10
ns
3
tw(PIXEL_CLK_L)
Pulse duration, pixel clock low
10
10
ns
4
td(LCD_D_V)
Delay time, LCD_PCLK high to LCD_D[15:0] valid (write)
0
7
0
9
ns
5
td(LCD_D_IV)
Delay time, LCD_PCLK high to LCD_D[15:0] invalid (write)
0
7
0
9
ns
6
td(
LCD_AC_ENB_CS_A
)
Delay time, LCD_PCLK low to LCD_AC_ENB_CS high
0
7
0
9
ns
7
td(
LCD_AC_ENB_CS_I)
Delay time, LCD_PCLK low to LCD_AC_ENB_CS high
0
7
0
9
ns
8
td(LCD_VSYNC_A)
Delay time, LCD_PCLK low to LCD_VSYNC high
0
7
0
9
ns
9
td(LCD_VSYNC_I)
Delay time, LCD_PCLK low to LCD_VSYNC low
0
7
0
9
ns
10
td(LCD_HSYNC_A)
Delay time, LCD_PCLK high to LCD_HSYNC high
0
7
0
9
ns
11
td(LCD_HSYNC_I)
Delay time, LCD_PCLK high to LCD_HSYNC low
0
7
0
9
ns
(1)
F = frequency of LCD_PCLK in ns
Frame-to-frame timing is derived through the following parameters in the LCD (RASTER_TIMING_1)
register:
•
Vertical front porch (VFP)
•
Vertical sync pulse width (VSW)
•
Vertical back porch (VBP)
•
Lines per panel (LPP)
Line-to-line timing is derived through the following parameters in the LCD (RASTER_TIMING_0) register:
•
Horizontal front porch (HFP)
•
Horizontal sync pulse width (HSW)
•
Horizontal back porch (HBP)
•
Pixels per panel (PPL)
LCD_AC_ENB_CS timing is derived through the following parameter in the LCD (RASTER_TIMING_2)
register:
•
AC bias frequency (ACB)
The display format produced in raster mode is shown in Figure 6-60. An entire frame is delivered one line
at a time. The first line delivered starts at data pixel (1, 1) and ends at data pixel (P, 1). The last line
delivered starts at data pixel (1, L) and ends at data pixel (P, L). The beginning of each new frame is
denoted by the activation of I/O signal LCD_VSYNC. The beginning of each new line is denoted by the
activation of I/O signal LCD_HSYNC.
206
Peripheral Information and Electrical Specifications
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com