Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1808AZCED3 Datasheet(PDF) 258 Page - Texas Instruments

Part # AM1808AZCED3
Description  AM1808 ARM Microprocessor
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1808AZCED3 Datasheet(HTML) 258 Page - Texas Instruments

Back Button AM1808AZCED3 Datasheet HTML 254Page - Texas Instruments AM1808AZCED3 Datasheet HTML 255Page - Texas Instruments AM1808AZCED3 Datasheet HTML 256Page - Texas Instruments AM1808AZCED3 Datasheet HTML 257Page - Texas Instruments AM1808AZCED3 Datasheet HTML 258Page - Texas Instruments AM1808AZCED3 Datasheet HTML 259Page - Texas Instruments AM1808AZCED3 Datasheet HTML 260Page - Texas Instruments AM1808AZCED3 Datasheet HTML 261Page - Texas Instruments AM1808AZCED3 Datasheet HTML 262Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 264 page
background image
X
AM1808
( )
ZKB
( )
3
PREFIX
X = Experimental Device
P = Prototype Device
Blank = Production Device
DEVICE
SILICON REVISION
3 = 300 MHz (for revision A)
3 = 375 MHz (for revision B)
Blank
PACKAGE TYPE
361 Pin Plastic BGA, with Pb-free
Soldered Balls [Green], 0.65-mm Ball Pitch
ZCE =
DEVICE SPEED RANGE
TEMPERATURE RANGE (JUNCTION)
B
= Silicon Revision 2.0
= 0°C to 90°C (Commercial Grade)
= -40°C to 90°C (Industrial Grade)
D
A
= Silicon Revision 1.1
361 Pin Plastic BGA, with Pb-free
Soldered Balls [Green]; 0.80-mm Ball Pitch
ZWT =
4 = 456 MHz
A
= -40°C to 105°C( Extended Grade)
AM1808
SPRS653A – FEBRUARY 2010 – REVISED APRIL 2010
www.ti.com
8
Mechanical Packaging and Orderable Information
This section describes the device orderable part numbers, packaging options, materials, thermal and
mechanical parameters.
8.1
Device and Development-Support Tool Nomenclature
To designate the stages in the product development cycle, TI assigns prefixes to the part numbers of all
AM1xxx processors and support tools. Each commercial AM1xxx platform member has one of three
prefixes: X, P, or null (no prefix). Texas Instruments recommends two of three possible prefix designators
for its support tools: TMDX and TMDS. These prefixes represent evolutionary stages of product
development from engineering prototypes (TMDX) through fully qualified production devices/tools (TMDS).
Device development evolutionary flow:
X
Experimental device that is not necessarily representative of the final device's electrical
specifications.
P
Final silicon die that conforms to the device's electrical specifications but has not completed
quality and reliability verification.
NULL
Fully-qualified production device.
Support tool development evolutionary flow:
TMDX
Development-support product that has not yet completed Texas Instruments internal
qualification testing.
TMDS
Fully qualified development-support product.
X and P devices and TMDX development-support tools are shipped against the following disclaimer:
"Developmental product is intended for internal evaluation purposes."
NULL devices and TMDS development-support tools have been characterized fully, and the quality and
reliability of the device have been demonstrated fully. TI's standard warranty applies.
Predictions show that prototype devices (X or P) have a greater failure rate than the standard production
devices. Texas Instruments recommends that these devices not be used in any production system
because their expected end-use failure rate still is undefined. Only qualified production devices are to be
used.
Figure 8-1 provides a legend for reading the complete device.
A.
BGA = Ball Grid Array
Figure 8-1. Device Nomenclature
258
Mechanical Packaging and Orderable Information
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com