Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5374 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS5374
Description  Dual High-performance Amplifier & ?誇 Modulator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5374 Datasheet(HTML) 5 Page - Cirrus Logic

  CS5374 Datasheet HTML 1Page - Cirrus Logic CS5374 Datasheet HTML 2Page - Cirrus Logic CS5374 Datasheet HTML 3Page - Cirrus Logic CS5374 Datasheet HTML 4Page - Cirrus Logic CS5374 Datasheet HTML 5Page - Cirrus Logic CS5374 Datasheet HTML 6Page - Cirrus Logic CS5374 Datasheet HTML 7Page - Cirrus Logic CS5374 Datasheet HTML 8Page - Cirrus Logic CS5374 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
CS5374
CS5374
DS862F1
DS862F1
5
THERMAL CHARACTERISTICS
ANALOG CHARACTERISTICS
Notes: 7. Common mode signals pass through the differential amplifier architecture and are rejected by the
modulator CMRR.
8. Output impedance characteristics are approximate and can vary up to ±30% depending on process
parameters.
Parameter
Symbol
Min
Typ
Max
Unit
Ambient Operating Temperature
TA
-10
-
70
°C
Storage Temperature Range
TSTR
-65
-
150
°C
Allowable Junction Temperature
TJCT
--
125
°C
Junction to Ambient Thermal Impedance (4-layer PCB)
θJA
-26-
°C / W
Parameter
Symbol
Min
Typ
Max
Unit
Amplifier Inputs
Signal Frequencies
BW
DC
-
2000
Hz
Differential Gain
GAIN
x1
-
x64
Common Mode Gain
(Note 7)
GAINCM
-x1
-
Common Mode Voltage
Vcm
-
(VA-)+2.5
-V
Voltage Range (Signal + Vcm)
x1
x2 - x64
VIN
(VA-)+0.7
(VA-)+0.7
-
-
(VA+)-1.25
(VA+)-1.75
V
Full Scale Differential Input
x1
x2
x4
x8
x16
x32
x64
VINFS
-
-
-
-
-
-
-
-
-
-
-
-
-
-
5
2.5
1.25
625
312.5
156.25
78.125
Vpp
Vpp
Vpp
mVpp
mVpp
mVpp
mVpp
Differential Input Impedance
ZINDIFF
-1, 20
-
T
Ω, pF
Common Mode Input Impedance
ZINCM
-
0.5, 40
-
T
Ω, pF
Input Bias Current
IIN
-1
40
pA
Amplifier Outputs
Full Scale Output, Differential
VOUT
--
5
Vpp
Output Voltage Range (Signal + Vcm)
VRNG
(VA-)+0.5
-
(VA+)-0.5
V
Output Impedance
(Note 8)ZOUT
-40
-
Ω
Output Impedance Drift
(Note 8)ZTC
-0.38
-
Ω/°C
Output Current
IOUT
--
+25
mA
Load Capacitance
CL
--
100
nF
Guard Outputs
Guard Output Voltage
VGUARD
-Vcm
-V
Guard Output Impedance
(Note 8)ZGOUT
-500
-
Ω
Guard Output Current
IGOUT
--
40
μA
Guard Load Capacitance
CGL
--
100
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com