Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5374 Datasheet(PDF) 30 Page - Cirrus Logic

Part # CS5374
Description  Dual High-performance Amplifier & ?誇 Modulator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5374 Datasheet(HTML) 30 Page - Cirrus Logic

Back Button CS5374 Datasheet HTML 26Page - Cirrus Logic CS5374 Datasheet HTML 27Page - Cirrus Logic CS5374 Datasheet HTML 28Page - Cirrus Logic CS5374 Datasheet HTML 29Page - Cirrus Logic CS5374 Datasheet HTML 30Page - Cirrus Logic CS5374 Datasheet HTML 31Page - Cirrus Logic CS5374 Datasheet HTML 32Page - Cirrus Logic CS5374 Datasheet HTML 33Page - Cirrus Logic CS5374 Datasheet HTML 34Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
CS5374
CS5374
DS862F1
30
DS862F1
7.
VOLTAGE REFERENCE
The CS5374 modulators require a 2.500 V preci-
sion voltage reference to be supplied to the VREF
±
pins.
7.1 VREF Power Supply
To guarantee proper regulation headroom for the
voltage reference device, the voltage reference
GND pin should be connected to VA– instead of
system ground, as shown in Figure 18. This con-
nection results in a VREF– voltage equal to VA–
and a VREF+ voltage very near ground potential
[(VA–) + 2.500 VREF].
Power supply inputs to the voltage reference device
should be bypassed to system ground with 0.1
μF
capacitors placed as close as possible to the power
and ground pins. In addition to 0.1
μF local bypass
capacitors, at least 100
μF of bulk capacitance to
system ground should be placed on each power
supply near the voltage regulator outputs. Bypass
capacitors should be X7R, C0G, tantalum, or other
high-quality dielectric type.
7.2 VREF RC Filter
A primary concern in selecting a precision voltage
reference device is noise performance in the mea-
surement bandwidth. The Linear Technology
LT1019AIS8-2.5 voltage reference yields accept-
able noise levels if the output is filtered with a low-
pass RC filter.
A separate RC filter is required for each device
connected to the voltage reference output. Signal-
dependent sampling of the voltage reference by one
system device could cause unwanted tones to ap-
pear in the measurement bandwidth of another sys-
tem device if a single VREF RC filter is common
to both.
7.3 VREF PCB Routing
To minimize the possibility of outside noise cou-
pling into the CS5374 voltage reference input, the
VREF
± traces should be routed as a differential
pair from the large capacitor of the voltage refer-
ence RC filter. Careful control of the voltage refer-
ence source and return currents by routing VREF
±
as a differential pair will significantly improve im-
munity from external noise.
To further improve noise rejection of the VREF
±
differential route, include 0.1
μF bypass capaci-
tors to system ground as close as possible to the
VREF+ and VREF– pins of the CS5374.
7.4 VREF Input Impedance
The switched-capacitor input architecture of the
VREF
± inputs results in an input impedance that
depends on the internal capacitor size and the
MCLK frequency. With a 15 pF internal capacitor
and a 2.048 MHz MCLK, the VREF input imped-
ance
is
approximately
10
Ω
To VREF+
+
From VA+
Regulator
2.500 V
VREF
0.1
μF
To VREF-
0.1
μF
100
μF
0.1
μF
0.1
μF
0.1
μF
100
μF
100
μF
From VA-
Regulator
Route VREF
± as a differential pair
from the 100uF RC filter capacitor
Figure 18. Voltage Reference Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com