Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5374 Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS5374
Description  Dual High-performance Amplifier & ?誇 Modulator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5374 Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS5374 Datasheet HTML 21Page - Cirrus Logic CS5374 Datasheet HTML 22Page - Cirrus Logic CS5374 Datasheet HTML 23Page - Cirrus Logic CS5374 Datasheet HTML 24Page - Cirrus Logic CS5374 Datasheet HTML 25Page - Cirrus Logic CS5374 Datasheet HTML 26Page - Cirrus Logic CS5374 Datasheet HTML 27Page - Cirrus Logic CS5374 Datasheet HTML 28Page - Cirrus Logic CS5374 Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
CS5374
CS5374
DS862F1
DS862F1
25
5.5 Example: CS5374 Configuration by the CS5376A SPI 2 Port
The CS5374 SPI port was designed to connect to
the CS5376A secondary SPI 2 port as shown in
Figure 12 on page 15.
The CS5376A SPI 2 hardware is controlled by
writing internal digital filter registers SPI2CTRL,
SPI2CMD, and SPI2DAT through a primary SPI 1
port. Chip selects are enabled by writing the
GPCFG0 digital filter register prior to initiating
SPI 2 transactions.
Configuring CS5374 using SPI 2 is more complex
than using an external SPI master, but has the ad-
vantage of a single standardized hardware interface
(the primary SPI 1 port on CS5376A) to control
the entire chipset.
5.5.1
CS5376A SPI 1 Transactions
The CS5376A primary SPI 1 port is controlled by
an external SPI master writing commands and data
into the SPI 1 registers (SPICMD, SPIDAT1, and
SPIDAT2). Serial transactions into the CS5376A
primary SPI 1 port start with an SPI opcode, fol-
lowed by an SPI address, and then data bytes writ-
ten starting at that SPI address. These data bytes
contain internal commands to write the CS5376A
digital filter registers that control the SPI 2 hard-
ware and enable the chip selects.
A full description of how to write the CS5376A in-
ternal digital filter registers using the primary SPI 1
port is described in the CS5376A data sheet.
GPIO Register
Certain GPIO pins on the CS5376A have dual-use
as chip selects for the SPI 2 port. The GPIO0:CS0
and GPIO1:CS1 pins are recommended as dedicat-
ed chip selects when connecting two CS5374 de-
vices to the CS5376A SPI 2 port. To operate the
CS0 and CS1 pins as SPI 2 chip selects they must
be programmed as outputs in the GPCFG0 digital
filter register, as shown in Table 5.
SPI2 Registers
Three digital filter registers control the CS5376A
SPI 2 hardware. The SPI2CMD register is 16-bits
wide and contains the first two bytes of the SPI 2
transaction, the SPI opcode and SPI address, in the
lower two bytes (i.e. 0x000204).
Table 5. Example CS5376A SPI 1 Transactions to Write and Read the GPCFG0 Register
Transaction
CS5376A Primary SPI 1 Write
Description
01
MOSI: 02 | 03 | 00 00 01 | 00 00 0E | 03 FF FF
MISO: -----------------------------------------------------------
SPI Command : 0x02 : Write
SPI Address : 0x03 : SPICMD
SPICMD : 0x000001 : Write Register
SPIDAT1 : 0x00000E : GPCFG0
SPIDAT2 : 0x03FFFF : CS as Output
02
Delay 1ms, monitor SINT, or poll E2DREQ
See the CS5376A data sheet.
03
MOSI: 02 | 03 | 00 00 02 | 00 00 0E | 00 00 00
MISO: -----------------------------------------------------------
SPI Command : 0x02 : Write
SPI Address : 0x03 : SPICMD
SPICMD : 0x000002: Read Register
SPIDAT1 : 0x00000E : GPCFG0
SPIDAT2 : 0x000000 : Dummy
04
Delay 1ms, monitor SINT, or poll E2DREQ
See the CS5376A data sheet.
05
MOSI: 03 | 06 |---------------|
MISO: -------------| 03 FF FF |
SPI Command : 0x03 : Read
SPI Address : 0x06 : SPIDAT1
SPIDAT1 : 0x03FFFF : GPCFG0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com