Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5374 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS5374
Description  Dual High-performance Amplifier & ?誇 Modulator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5374 Datasheet(HTML) 4 Page - Cirrus Logic

  CS5374 Datasheet HTML 1Page - Cirrus Logic CS5374 Datasheet HTML 2Page - Cirrus Logic CS5374 Datasheet HTML 3Page - Cirrus Logic CS5374 Datasheet HTML 4Page - Cirrus Logic CS5374 Datasheet HTML 5Page - Cirrus Logic CS5374 Datasheet HTML 6Page - Cirrus Logic CS5374 Datasheet HTML 7Page - Cirrus Logic CS5374 Datasheet HTML 8Page - Cirrus Logic CS5374 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
CS5374
CS5374
DS862F1
4
DS862F1
1.
CHARACTERISTICS AND SPECIFICATIONS
•
Min/Max characteristics and specifications are guaranteed over the Specified Operating Conditions.
•
Typical performance characteristics and specifications are derived from measurements taken at nom-
inal supply voltages and TA = 25°C.
•
GND = 0 V, all voltages with respect to 0 V.
•
Device connected as shown in Figure 11 and Figure 12 unless otherwise noted.
SPECIFIED OPERATING CONDITIONS
Notes: 1. VA- must always be the most-negative input voltage to avoid potential SCR latch-up conditions.
2. By design, a 2.500 V voltage reference input results in the best signal-to-noise performance.
3. Channel-to-channel gain accuracy is directly proportional to the voltage reference absolute accuracy.
4. VREF inputs must satisfy: VA-
≤ VREF- < VREF+ ≤ VA+.
ABSOLUTE MAXIMUM RATINGS
WARNING: Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
Notes: 5. Transient currents up to 100mA will not cause SCR latch-up.
6. Includes continuous over-voltage conditions on the analog input pins.
Parameter
Symbol
Min
Nom
Max
Unit
Bipolar Power Supplies
Positive Analog
+2%
VA+
2.45
2.50
2.55
V
Negative Analog
(Note 1) +2%
VA-
-2.45
-2.50
-2.55
V
Positive Digital
+3%
VD
3.20
3.30
3.40
V
Voltage Reference
[VREF+] - [VREF-]
(Note 2, 3)
VREF
-
2.500
-
V
VREF-
(Note 4)VREF-
-
VA -
-
V
Thermal
Ambient Operating Temperature
-CNZ
TA
-10
25
70
°C
Parameter
Symbol
Min
Max
Unit
DC Power Supplies
Positive Analog
Negative Analog
Digital
VA+
VA-
VD
-0.3
-6.8
-0.3
6.8
0.3
6.8
V
V
V
Analog Supply Differential
[(VA+) - (VA-)]
VADIFF
-6.8
V
Digital Supply Differential
[(VD) - (VA-)]
VDDIFF
-6.8
V
Input Current, Any Pin Except Supplies
(Note 5, 6)IIN
-+10
mA
Input Current, Power Supplies
(Note 5)IPWR
-+50
mA
Output Current
(Note 5)IOUT
-+25
mA
Power Dissipation
PD
-
500
mW
Analog Input Voltages
VINA
(VA-)-0.5
(VA+)+0.5
V
Digital Input Voltages
VIND
-0.5
(VD)+0.5
V
Storage Temperature Range
TSTG
-65
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com