Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5374 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS5374
Description  Dual High-performance Amplifier & ?誇 Modulator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5374 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS5374 Datasheet HTML 10Page - Cirrus Logic CS5374 Datasheet HTML 11Page - Cirrus Logic CS5374 Datasheet HTML 12Page - Cirrus Logic CS5374 Datasheet HTML 13Page - Cirrus Logic CS5374 Datasheet HTML 14Page - Cirrus Logic CS5374 Datasheet HTML 15Page - Cirrus Logic CS5374 Datasheet HTML 16Page - Cirrus Logic CS5374 Datasheet HTML 17Page - Cirrus Logic CS5374 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
CS5374
CS5374
DS862F1
14
DS862F1
2.
GENERAL DESCRIPTION
The CS5374 combines two marine seismic analog
measurement channels into one 7 mm x 7 mm QFN
package. Each measurement channel consists of a
high input impedance programmable gain differen-
tial amplifier that buffers analog signals into a
high-performance, fourth-order
ΔΣ modulator. The
low-noise
ΔΣ modulator converts the analog signal
into a one-bit serial bit stream suitable for the
CS5376A digital filter.
Each amplifier has two sets of external inputs, INA
and INB, to simplify system design as inputs from
a hydrophone sensor or the CS4373A test DAC. An
internal 800
Ω termination can also be selected for
noise tests. Gain settings are binary weighted (1x,
2x, 4x, 8x, 16x, 32x, 64x) and match the CS4373A
test DAC output attenuation settings for full-scale
testing at all gain ranges. Both the input multiplex-
er and gain are set by registers accessed through a
standard SPI™ port.
Each fourth-order
ΔΣ modulator has very high dy-
namic range combined with low total harmonic dis-
tortion and low power consumption. It converts
differential analog signals from the amplifier to an
oversampled
ΔΣ serial bit stream which is decimat-
ed by the CS5376A digital filter to a 24-bit output
at the final output word rate.
Figure 10 shows the system-level architecture of a
4-channel acquisition system using two CS5374,
one CS5376A digital filter and one CS4373A test
DAC.
Figure 11 and Figure 12 shows connection dia-
grams for the CS5374 device when connected to
the CS5376A digital filter.
Hydrophone
Sensor
Hydrophone
Sensor
Hydrophone
Sensor
Hydrophone
Sensor
DS
Modulator
Digital Filter
CS5376A
Test
DAC
Microcontroller
or
Configuration
EEPROM
System
Telemetry
AMP
CS4373A
CS5374
DS
Modulator
AMP
M
U
X
DS
Modulator
AMP
M
U
X
CS5374
DS
Modulator
AMP
M
U
X
M
U
X
Figure 10. CS5374 System Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com