Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5374 Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS5374
Description  Dual High-performance Amplifier & ?誇 Modulator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5374 Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS5374 Datasheet HTML 13Page - Cirrus Logic CS5374 Datasheet HTML 14Page - Cirrus Logic CS5374 Datasheet HTML 15Page - Cirrus Logic CS5374 Datasheet HTML 16Page - Cirrus Logic CS5374 Datasheet HTML 17Page - Cirrus Logic CS5374 Datasheet HTML 18Page - Cirrus Logic CS5374 Datasheet HTML 19Page - Cirrus Logic CS5374 Datasheet HTML 20Page - Cirrus Logic CS5374 Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
CS5374
CS5374
DS862F1
DS862F1
17
selected differential input signal, and will vary as
the signal common mode varies. The GUARD out-
put will not drive a significant load, as it can only
provide a shielding voltage.
3.3 Differential Signals
Analog signals into and out of the amplifiers are
differential, consisting of two halves with equal but
opposite magnitude varying about a common mode
voltage.
A full-scale 5 Vpp differential signal centered on a
–0.15 V common mode can have:
SIG+ = –0.15 V + 1.25 V = 1.1 V
SIG– = –0.15 V – 1.25 V = –1.4 V
SIG+ is +2.5 V relative to SIG-
For the reverse case:
SIG+ = –0.15 V – 1.25 V = –1.4 V
SIG– = –0.15 V + 1.25 V = 1.1 V
SIG+ is –2.5 V relative to SIG-
The total swing for SIG+ relative to SIG– is
(+2.5 V) – (–2.5 V) = 5 Vpp. A similar calculation
can be done for SIG– relative to SIG+. Note that a
5Vpp differential signal centered on a –0.15 V
common mode voltage never exceeds 1.1 V and
never drops below –1.4 V on either half of the sig-
nal.
By definition, differential voltages are to be mea-
sured with respect to the opposite half, not relative
to ground. A multi-meter differentially measuring
between SIG+ and SIG– in the above example
would properly read 1.767 Vrms, or 5 Vpp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com