Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5374 Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS5374
Description  Dual High-performance Amplifier & ?誇 Modulator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5374 Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS5374 Datasheet HTML 23Page - Cirrus Logic CS5374 Datasheet HTML 24Page - Cirrus Logic CS5374 Datasheet HTML 25Page - Cirrus Logic CS5374 Datasheet HTML 26Page - Cirrus Logic CS5374 Datasheet HTML 27Page - Cirrus Logic CS5374 Datasheet HTML 28Page - Cirrus Logic CS5374 Datasheet HTML 29Page - Cirrus Logic CS5374 Datasheet HTML 30Page - Cirrus Logic CS5374 Datasheet HTML 31Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
CS5374
CS5374
DS862F1
DS862F1
27
Transaction
CS5376A Primary SPI 1 Write
Description
01
MOSI: 02 | 03 | 00 00 01 | 00 00 11 | 00 02 02
MISO: -----------------------------------------------------------
SPI Command : 0x02 : Write
SPI Address : 0x03 : SPICMD
SPICMD : 0x000001 : Write Register
SPIDAT1 : 0x000011 : SPI2CMD
SPIDAT2 : 0x000202 : Write AMP2CFG
02
Delay 1ms, monitor SINT, or poll E2DREQ
See the CS5376A data sheet.
03
MOSI: 02 | 03 | 00 00 01 | 00 00 12 | 20 00 00
MISO: -----------------------------------------------------------
SPI Command : 0x02 : Write
SPI Address : 0x03 : SPICMD
SPICMD : 0x000001: Write Register
SPIDAT1 : 0x000012 : SPI2DAT
SPIDAT2 : 0x200000 : INA, x1 Gain
04
Delay 1ms, monitor SINT, or poll E2DREQ
See the CS5376A data sheet.
05
MOSI: 02 | 03 | 00 00 01 | 00 00 10 | 3F 01 61
MISO: -----------------------------------------------------------
SPI Command : 0x02 : Write
SPI Address : 0x03 : SPICMD
SPICMD : 0x000001: Write Register
SPIDAT1 : 0x000010 : SPI2CTRL
SPIDAT2 : 0x3F0161 : CS0 Transaction
06
Delay 1ms, monitor SINT, or poll E2DREQ
See the CS5376A data sheet.
07
MOSI: 02 | 03 | 00 00 01 | 00 00 10 | 3F 41 62
MISO: -----------------------------------------------------------
SPI Command : 0x02 : Write
SPI Address : 0x03 : SPICMD
SPICMD : 0x000001: Write Register
SPIDAT1 : 0x000010 : SPI2CTRL
SPIDAT2 : 0x3F4162 : CS1 Transaction
Table 7. Example CS5376A SPI 1 Transactions to Write AMP2CFG and ADCCFG
Transaction
CS5376A Primary SPI 1 Write
Description
01
MOSI: 02 | 03 | 00 00 01 | 00 00 11 | 00 02 03
MISO: -----------------------------------------------------------
SPI Command : 0x02 : Write
SPI Address : 0x03 : SPICMD
SPICMD : 0x000001 : Write Register
SPIDAT1 : 0x000011 : SPI2CMD
SPIDAT2 : 0x000203 : Write ADCCFG
02
Delay 1ms, monitor SINT, or poll E2DREQ
See the CS5376A data sheet.
03
MOSI: 02 | 03 | 00 00 01 | 00 00 12 | 40 00 00
MISO: -----------------------------------------------------------
SPI Command : 0x02 : Write
SPI Address : 0x03 : SPICMD
SPICMD : 0x000001: Write Register
SPIDAT1 : 0x000012 : SPI2DAT
SPIDAT2 : 0x400000 : Normal Operation
04
Delay 1ms, monitor SINT, or poll E2DREQ
See the CS5376A data sheet.
05
MOSI: 02 | 03 | 00 00 01 | 00 00 10 | 3F 01 61
MISO: -----------------------------------------------------------
SPI Command : 0x02 : Write
SPI Address : 0x03 : SPICMD
SPICMD : 0x000001: Write Register
SPIDAT1 : 0x000010 : SPI2CTRL
SPIDAT2 : 0x3F0161 : CS0 Transaction
06
Delay 1ms, monitor SINT, or poll E2DREQ
See the CS5376A data sheet.
07
MOSI: 02 | 03 | 00 00 01 | 00 00 10 | 3F 41 62
MISO: -----------------------------------------------------------
SPI Command : 0x02 : Write
SPI Address : 0x03 : SPICMD
SPICMD : 0x000001: Write Register
SPIDAT1 : 0x000010 : SPI2CTRL
SPIDAT2 : 0x3F4162 : CS1 Transaction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com