Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5374 Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS5374
Description  Dual High-performance Amplifier & ?誇 Modulator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5374 Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS5374 Datasheet HTML 20Page - Cirrus Logic CS5374 Datasheet HTML 21Page - Cirrus Logic CS5374 Datasheet HTML 22Page - Cirrus Logic CS5374 Datasheet HTML 23Page - Cirrus Logic CS5374 Datasheet HTML 24Page - Cirrus Logic CS5374 Datasheet HTML 25Page - Cirrus Logic CS5374 Datasheet HTML 26Page - Cirrus Logic CS5374 Datasheet HTML 27Page - Cirrus Logic CS5374 Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
CS5374
CS5374
DS862F1
24
DS862F1
5.3.4
ADCCFG — 0x03
The ADCCFG register can disable modulator
OFST and enable HP mode. It also enables PWDN
mode for the channel 1 & 2 modulators.
Reset Condition : 0000_0000
Normal Operation : 0100_0000
Power Down Operation : 0011_0000
5.3.5
PWRCFG — 0x04
The PWRCFG register can vary bias currents for
the amplifier and modulator to minimize power
consumption.
Reset Condition : 0000_0000
Normal Operation : 1000_1111
Power Down Operation : 0000_0000
5.4 Example: CS5374 Configuration by an External SPI Master
Any SPI master that supports mode 0 (0,0) commu-
nication can write and read the configuration regis-
ters and control CS5374.
The following example SPI read and write transac-
tions show how to configure the CS5374 for nor-
mal operation.
SPI Write Transactions
Transaction
CS5374 SPI Write
Description
01
SI: 02 | 01 | 20
SO: -----------------
Write AMP1CFG register (0x01).
CH1 INA enabled, 1x gain (0x20).
02
SI: 02 | 02 | 20
SO: -----------------
Write AMP2CFG register (0x02).
CH2 INA enabled, 1x gain (0x20).
03
SI: 02 | 03 | 40
SO: -----------------
Write ADCCFG register (0x03).
Normal operation (0x40).
04
SI: 02 | 04 | 8F
SO: -----------------
Write PWRCFG register (0x04).
Normal operation (0x8F).
SPI Read Transactions
Transaction
CS5374 SPI Read
Description
01
SI: 03 | 00 | 00
SO: ---------- | 01
Read VERSION register (0x00).
Returned data byte on the SO pin.
02
SI: 03 | 01 | 00
SO: ---------- | 20
Read AMP1CFG register (0x01).
Returned data byte on the SO pin.
03
SI: 03 | 02 | 00
SO: ---------- | 20
Read AMP2CFG register (0x02).
Returned data byte on the SO pin.
04
SI: 03 | 03 | 00
SO: ---------- | 40
Read ADCCFG register (0x03).
Returned data byte on the SO pin.
05
SI: 03 | 04 | 00
SO: ---------- | 8F
Read PWRCFG register (0x04).
Returned data byte on the SO pin.
Table 4. Example SPI Transactions to Write and Read the CS5374 Configuration Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com