Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8415A-CSZ Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS8415A-CSZ
Description  96 kHz Digital Audio Interface Receiver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8415A-CSZ Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS8415A-CSZ Datasheet HTML 8Page - Cirrus Logic CS8415A-CSZ Datasheet HTML 9Page - Cirrus Logic CS8415A-CSZ Datasheet HTML 10Page - Cirrus Logic CS8415A-CSZ Datasheet HTML 11Page - Cirrus Logic CS8415A-CSZ Datasheet HTML 12Page - Cirrus Logic CS8415A-CSZ Datasheet HTML 13Page - Cirrus Logic CS8415A-CSZ Datasheet HTML 14Page - Cirrus Logic CS8415A-CSZ Datasheet HTML 15Page - Cirrus Logic CS8415A-CSZ Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 46 page
background image
12
DS470F4
CS8415A
3. GENERAL DESCRIPTION
The CS8415A is a monolithic CMOS device which receives and decodes audio data according to the AES3,
IEC60958, S/PDIF, and EIAJ CP1201 interface standards.
Input data is either differential or single-ended. A low-jitter clock is recovered from the incoming data using a PLL.
The decoded audio data is output through a configurable, 3-wire output port. The channel status and user data are
assembled in block-sized buffers and may be accessed through an SPI or I²C microcontroller port. For systems
with no microcontroller, a stand-alone mode allows direct access to channel status and user data output pins.
Target applications include AVR, CD-R, DAT, DVD, multimedia speakers, MD and VTR equipment, mixing con-
soles, digital audio transmission and receiving equipment, high-quality D/A and A/D converters, effects processors,
set-top boxes, and computer audio systems.
Figure 5 shows the supply and external connections to the CS8415A, when configured for operation with a micro-
controller.
3.1
AES3 and S/PDIF Standards Documents
This data sheet assumes that the user is familiar with the AES3 and S/PDIF data formats. It is advisable to
have current copies of the AES3 and IEC60958 specifications on hand for easy reference.
The latest AES3 standard is available from the Audio Engineering Society or ANSI at www.aes.org or
www.ansi.org. Obtain the latest IEC60958 standard from ANSI or from the International Electrotechnical
Commission at www.iec.ch. The latest EIAJ CP-1201 standard is available from the Japanese Electronics
Bureau.
Cirrus Logic Application Note 22: Overview of Digital Audio Interface Data Structures contains a useful tu-
torial on digital audio specifications, but it should not be considered a substitute for the standards.
The paper An Understanding and Implementation of the SCMS Serial Copy Management System for Digital
Audio Transmission, by Clifton Sanchez, is an excellent tutorial on SCMS. It is available from the AES as
preprint 3518.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com