Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8415A-CSZ Datasheet(PDF) 43 Page - Cirrus Logic

Part # CS8415A-CSZ
Description  96 kHz Digital Audio Interface Receiver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8415A-CSZ Datasheet(HTML) 43 Page - Cirrus Logic

Back Button CS8415A-CSZ Datasheet HTML 38Page - Cirrus Logic CS8415A-CSZ Datasheet HTML 39Page - Cirrus Logic CS8415A-CSZ Datasheet HTML 40Page - Cirrus Logic CS8415A-CSZ Datasheet HTML 41Page - Cirrus Logic CS8415A-CSZ Datasheet HTML 42Page - Cirrus Logic CS8415A-CSZ Datasheet HTML 43Page - Cirrus Logic CS8415A-CSZ Datasheet HTML 44Page - Cirrus Logic CS8415A-CSZ Datasheet HTML 45Page - Cirrus Logic CS8415A-CSZ Datasheet HTML 46Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 43 / 46 page
background image
DS470F4
43
CS8415A
15.3
Component Value Selection
When transitioning from one revision of the part another, component values may need to be changed. While
it is mandatory for customers to change the external PLL component values when transitioning from revision
A to revision A1 or from revision A to revision A2, customers do not need to change external PLL component
values when transitioning from revision A1 to revision A2, unless the part is used in an application that is
required to pass the AES3 or IEC60958-4 specification for receiver jitter tolerance (see Table 6).
15.3.1
Identifying the Part Revision
The first line of the part marking on the package indicates the part number and package type (CS8415A-
xx). Table 4 shows a list of part revisions and their corresponding second line part marking, which indi-
cates what revision the part is.
15.3.2
External Components
Shown in Table 5 and Table 6 are the external PLL component values for each revision. Values listed for
the 32 to 96 kHz Fs range will have the highest corner frequency jitter attenuation curve, take the shortest
time to lock, and offer the best output jitter performance.
Revision
Pre-October 2002
SOIC & TSSOP (10-Digit)
New SOIC
(12-Digit)
New TSSOP
(10-Digit)
A
Zxxxxxxxxx
ZFBAAXxxxxxx
NAAXxxxxxx
A1
Rxxxxxxxxx
RFBAA1xxxxxx
NAA1xxxxxx
A2
N/A
RFBAA2xxxxxx
NAA2xxxxxx
Table 4. Second Line Part Marking
Revision
RFILT (kΩ)CFILT (µF)
CRIP (nF)
PLL Lock Time (ms)
A
0.909
1.8
33
56
A1
0.4
0.47
47
60
A2
0.4
0.47
47
60
Table 5. Fs = 8 to 96 kHz
Revision
RFILT (kΩ)CFILT (µF)
CRIP (nF)
PLL Lock Time (ms)
A*
3.0
0.047
2.2
35
A1*
1.2
0.1
4.7
35
A2
1.2
0.1
4.7
35
A2*
1.6
0.33
4.7
35
Table 6. Fs = 32 to 96 kHz
* Parts used in applications that are required to pass the AES3 or IEC60958-4 specifica-
tion for receiver jitter tolerance should use these component values. Please note that the
AES3 and IEC60958 specifications do not have allowances for locking to sample rates
less than 32 kHz. Also note that many factors can affect jitter performance in a system.
Please follow the circuit and layout recommendations outlined previously



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com