Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8415A-CSZ Datasheet(PDF) 34 Page - Cirrus Logic

Part # CS8415A-CSZ
Description  96 kHz Digital Audio Interface Receiver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8415A-CSZ Datasheet(HTML) 34 Page - Cirrus Logic

Back Button CS8415A-CSZ Datasheet HTML 30Page - Cirrus Logic CS8415A-CSZ Datasheet HTML 31Page - Cirrus Logic CS8415A-CSZ Datasheet HTML 32Page - Cirrus Logic CS8415A-CSZ Datasheet HTML 33Page - Cirrus Logic CS8415A-CSZ Datasheet HTML 34Page - Cirrus Logic CS8415A-CSZ Datasheet HTML 35Page - Cirrus Logic CS8415A-CSZ Datasheet HTML 36Page - Cirrus Logic CS8415A-CSZ Datasheet HTML 37Page - Cirrus Logic CS8415A-CSZ Datasheet HTML 38Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 46 page
background image
34
DS470F4
CS8415A
RMCK
10
Recovered Master Clock (Output) - Recovered master clock output when PLL is locked to the incoming
AES3 stream. Frequency is 256x the sample rate (Fs).
RERR
11
Receiver Error (Output) - When high, indicates an error condition in the AES3 receiver. The status of this
pin is updated once per sub-frame of incoming AES3 data. Conditions that can cause RERR to go high are:
validity bit high, parity error, bi-phase coding error, and loss of lock by the PLL.
RCBL
12
Receiver Channel Status Block (Output) -Indicates the beginning of a received channel status block.
RCBL goes high two frames after the reception of a Z preamble, remains high for 16 frames while COPY,
ORIG, AUDIO,
EMPH and PRO are updated, and returns low for the remainder of the block. RCBL
changes on rising edges of RMCK.
PRO
13
PRO Channel Status Bit (Output) - Reflects the state of the Professional/Consumer Channel Status bit in
the incoming AES3 data stream. Low indicates Consumer and high indicates Professional.
CHS
14
Channel Select (Input) - Selects which sub-frame’s channel status data is output on the
EMPH, COPY,
ORIG, PRO and AUDIO pins. Channel A is selected when CHS is low, channel B is selected when CHS is
high.
NVERR
15
No Validity Receiver Error Indicator (Output) - A high output indicates a problem with the operation of the
AES3 receiver. The status of this pin is updated once per frame of incoming AES3 data. Conditions that
cause NVERR to go high are: parity error, and bi-phase coding error, and loss of lock by the PLL.
OSCLK
16 Serial Audio Output Bit Clock (Input/Output) - Serial bit clock for audio data on the SDOUT pin.
OLRCK
17
Serial Audio Output Left/Right Clock (Input/Output) - Word rate clock for the audio data on the SDOUT
pin. Frequency will be the output sample rate (Fs).
SDOUT
18
Serial Audio Output Data (Output) - Audio data serial output pin. This pin is also a start-up option which
determines if the serial audio port is master or slave. A 47 k
Ω resistor to either VL+ or DGND is required.
AUDIO
19
Audio Channel Status Bit (Output) - Reflects the state of the audio/non audio Channel Status
bit in the incoming AES3 data stream. When this bit is low a valid audio stream is indicated.
DGND3
DGND2
DGND
20
21
22
Digital Ground (Input) - Ground for the digital circuitry in the chip. DGND and AGND should be connected
to a common ground area under the chip.
H/S
24
Hardware/Software Mode Control (Input) - Determines the method of controlling the operation of the
CS8415A, and the method of accessing CS and U data. In software mode, device control and CS and U
data access is primarily through the control port, using a microcontroller. Hardware mode provides an alter-
nate mode of operation and access to the CS and U data through dedicated pins. This pin should be perma-
nently tied to VL+ or DGND.
U
25
User Data (Output) - Outputs user data from the AES3 receiver, clocked by the rising and falling edges of
OLRCK.
C
26
Channel Status Data (Output) - Outputs channel status data from the AES3 receiver, clocked by the rising
and falling edges of OLRCK.
ORIG
28
Original Channel Status (Output) - SCMS generation indicator. This is decoded from the incoming cate-
gory code and the L bit in the Channel Status bits. A low output indicates that the source of the audio data
stream is a copy not an original. A high indicates that the audio data stream is original. This pin is also a
start-up option which, along with
EMPH, determines the serial audio port format. A 47 k
Ω resistor to either
VL+ or DGND is required.
Pin Name
# Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com