Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8415A-CSZ Datasheet(PDF) 42 Page - Cirrus Logic

Part # CS8415A-CSZ
Description  96 kHz Digital Audio Interface Receiver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8415A-CSZ Datasheet(HTML) 42 Page - Cirrus Logic

Back Button CS8415A-CSZ Datasheet HTML 38Page - Cirrus Logic CS8415A-CSZ Datasheet HTML 39Page - Cirrus Logic CS8415A-CSZ Datasheet HTML 40Page - Cirrus Logic CS8415A-CSZ Datasheet HTML 41Page - Cirrus Logic CS8415A-CSZ Datasheet HTML 42Page - Cirrus Logic CS8415A-CSZ Datasheet HTML 43Page - Cirrus Logic CS8415A-CSZ Datasheet HTML 44Page - Cirrus Logic CS8415A-CSZ Datasheet HTML 45Page - Cirrus Logic CS8415A-CSZ Datasheet HTML 46Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 42 / 46 page
background image
42
DS470F4
CS8415A
15.2
External Filter Components
15.2.1
General
The PLL behavior is affected by the external filter component values. Figure 5 on page 11 shows the rec-
ommended configuration of the two capacitors and one resistor that comprise the PLL filter. In Table 6,
the component values shown have the highest corner frequency jitter attenuation curve, takes the short-
est time to lock, and offers the best output jitter performance. The component values shown in Table 5
allows the lowest input sample rate to be 8 kHz, and increases the lock time of the PLL. Lock times are
worst case for an Fsi transition of 96 kHz.
15.2.2
Capacitor Selection
The type of capacitors used for the PLL filter can have a significant effect on receiver performance. Large
or exotic film capacitors are not necessary as their leads and the required longer circuit board traces add
undesirable inductance to the circuit. Surface mount ceramic capacitors are a good choice because their
own inductance is low, and they can be mounted close to the FILT pin to minimize trace inductance. For
CRIP, a C0G or NPO dielectric is recommended, and for CFILT, an X7R dielectric is preferred. Avoid ca-
pacitors with large temperature coefficients, or capacitors with high dielectric constants, that are sensitive
to shock and vibration. These include the Z5U and Y5V dielectrics.
15.2.3
Circuit Board Layout
Board layout and capacitor choice affect each other and determine the performance of the PLL. Figure
19 contains a suggested layout for the PLL filter components and for bypassing the analog supply voltage.
The 0.1 µF bypass capacitor is in a 1206 form factor. RFILT and the other three capacitors are in an 0805
form factor. The traces are on the top surface of the board with the IC so that there is no via inductance.
The traces themselves are short to minimize the inductance in the filter path. The VA+ and AGND traces
extend back to their origin and are shown only in truncated form in the drawing.
C
FLT
1000
pF
.1µF
C
RIP
Figure 19. Recommended Layout Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com