Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8415A-CSZ Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS8415A-CSZ
Description  96 kHz Digital Audio Interface Receiver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8415A-CSZ Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS8415A-CSZ Datasheet HTML 11Page - Cirrus Logic CS8415A-CSZ Datasheet HTML 12Page - Cirrus Logic CS8415A-CSZ Datasheet HTML 13Page - Cirrus Logic CS8415A-CSZ Datasheet HTML 14Page - Cirrus Logic CS8415A-CSZ Datasheet HTML 15Page - Cirrus Logic CS8415A-CSZ Datasheet HTML 16Page - Cirrus Logic CS8415A-CSZ Datasheet HTML 17Page - Cirrus Logic CS8415A-CSZ Datasheet HTML 18Page - Cirrus Logic CS8415A-CSZ Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 46 page
background image
DS470F4
15
CS8415A
5. AES3 RECEIVER
The CS8415A includes an AES3 digital audio receiver. A comprehensive buffering scheme provides read access
to the channel status and user data. This buffering scheme is described in Appendix B.
The AES3 receiver accepts and decodes audio and digital data according to the AES3, IEC60958 (S/PDIF), and
EIAJ CP-1201 interface standards. The receiver consists of a differential input stage, driven through pins RXP0
and RXN0, a PLL-based clock recovery circuit, and a decoder which separates the audio data from the channel
status and user data.
External components are used to terminate and isolate the incoming data cables from the CS8415A. These com-
ponents are detailed in Appendix A.
5.1
7:1 S/PDIF Input Multiplexer
The CS8415A employs a 7:1 S/PDIF Input Multiplexer to accommodate up to seven channels of input digital
audio data. Digital audio data is single-ended and input through the RXP[0:6] pins. When any portion of the
multiplexer is implemented, unused RXP pins should be tied to ground, and RXN0 must be AC-coupled to
ground. The multiplexer select line control is accessed through bits MUX[2:0] in the Control 2 register. The
multiplexer defaults to RXP0. Therefore, the default configuration is for a differential signal to be input
through RXP0 & RXN0. Please see Appendix A for recommended input circuits.
5.2
OMCK System Clock Mode
A special clock switching mode is available that allows the clock that is input through the OMCK pin to be
output through the RMCK pin. This feature is controlled by the SWCLK bit in register 1 of the control regis-
ters. When the PLL loses lock, the frequency of the VCO drops to 300 kHz. The clock switching mode allows
the clock input through OMCK to be used as a clock in the system without any disruption when the PLL loses
lock. For example, when the input is removed from the receiver. When SWCLK is enabled and this mode is
implemented, RMCK is an output and is not bi-directional. This clock switching is performed glitch-free.
Please note that internal circuitry associated with RMCK is not driven by OMCK. This means that OSCLK
and OLRCK continue to be derived from the PLL and are not usable in this mode. This function is available
only in software mode.
5.3
PLL, Jitter Attenuation, and Varispeed
Please see Appendix C for general description of the PLL, selection of recommended PLL filter compo-
nents, and layout considerations. Figure 5 shows the recommended configuration of the two capacitors and
one resistor that comprise the PLL filter.
5.4
Error Reporting and Hold Function
While decoding the incoming AES3 data stream, the CS8415A can identify several kinds of error, indicated
in the Receiver Error register. The UNLOCK bit indicates whether the PLL is locked to the incoming AES3
data. The V bit reflects the current validity bit status. The CONF (confidence) bit is the logical OR of BIP and
UNLOCK. The BIP (bi-phase) error bit indicates an error in incoming bi-phase coding. The PAR (parity) bit
indicates a received parity error.
The error bits are "sticky" - they are set on the first occurrence of the associated error and will remain set
until the user reads the register through the control port. This enables the register to log all unmasked errors
that occurred since the last time the register was read.
The Receiver Error Mask register allows masking of individual errors. The bits in this register serve as
masks for the corresponding bits of the Receiver Error Register. If a mask bit is set to 1, the error is un-
masked, which implies the following: its occurrence will be reported in the receiver error register, induce a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com