Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8415A-CSZ Datasheet(PDF) 30 Page - Cirrus Logic

Part # CS8415A-CSZ
Description  96 kHz Digital Audio Interface Receiver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8415A-CSZ Datasheet(HTML) 30 Page - Cirrus Logic

Back Button CS8415A-CSZ Datasheet HTML 26Page - Cirrus Logic CS8415A-CSZ Datasheet HTML 27Page - Cirrus Logic CS8415A-CSZ Datasheet HTML 28Page - Cirrus Logic CS8415A-CSZ Datasheet HTML 29Page - Cirrus Logic CS8415A-CSZ Datasheet HTML 30Page - Cirrus Logic CS8415A-CSZ Datasheet HTML 31Page - Cirrus Logic CS8415A-CSZ Datasheet HTML 32Page - Cirrus Logic CS8415A-CSZ Datasheet HTML 33Page - Cirrus Logic CS8415A-CSZ Datasheet HTML 34Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
30
DS470F4
CS8415A
9. PIN DESCRIPTION - SOFTWARE MODE
Pin Name
#
Pin Description
SDA/CDOUT
1
Serial Control Data I/O (I²C) / Data Out (SPI) (Input/Output) - In I²C mode, SDA is the control I/O data
line. SDA is open drain and requires an external pull-up resistor to VL+. In SPI mode, CDOUT is the out-
put data from the control port interface on the CS8415A
AD0/CS
2
Address Bit 0 (I²C) / Control Port Chip Select (SPI) (Input) - A falling edge on this pin puts the
CS8415A into SPI control port mode. With no falling edge, the CS8415A defaults to I²C mode. In I²C
mode, AD0 is a chip address pin. In SPI mode, CS is used to enable the control port interface on the
CS8415A
EMPH
3
Pre-Emphasis (Output) - EMPH is low when the incoming Channel Status data indicates 50/15 ms
pre-emphasis.
EMPH is high when the Channel Status data indicates no pre-emphasis or indicates pre-
emphasis other than 50/15 ms. This is also a start-up option pin, and requires a 47 k
Ω resistor to either
VL+ or DGND, which determines the AD2 address bit for the control port in I²C mode
RXP0
RXN0
4
5
AES3/SPDIF Receiver Port (Input) - Differential line receiver inputs carrying AES3 data. RXP0 may be
used as a single-ended input as part of 7:1 S/PDIF Input MUX. If RXP0 is used in MUX, RXN0 must be
ac coupled to ground.
RXP1
RXP2
RXP3
RXP4
RXP5
RXP6
12
13
14
15
25
26
Additional AES3/SPDIF Receiver Port (Input) - Single-ended receiver inputs carrying AES3 or S/PDIF
digital data. These inputs, along with RXP0, comprise the 7:1 S/PDIF Input Multiplexer and select line
control is accessed using the MUX2:0 bits in the Control 2 register. Please note that any unused inputs
should be tied to ground. See Appendix A for recommended input circuits.
VA+
6
Positive Analog Power (Input) - Positive supply for the analog section. Nominally +5.0 V. This supply
should be as quiet as possible since noise on this pin will directly affect the jitter performance of the
recovered clock
SDA/CDOUT
AD0/CS
EMPH
RXP0
RXN0
VA+
AGND
FILT
RST
RMCK
RERR
RXP1
28
27
26
25
*24
*23
*22
*21
20
19
*18
*17
*16
15
1
2
3*+
4*
5*
6*
7*
8*
9*
10*
11*
12
13
14
SCL/CCLK
AD1/CDIN
H/S
V+
DGND
OMCK
U
INT
SDOUT
OLRCK
OSCLK
* Pins which remain the same function in all modes.
+ Pins which requireapulluporpulldown resistor
to select the desired startup option.
RXP2
RXP3
RXP4
RXP6
RXP5
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com