Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8415A-CSZ Datasheet(PDF) 38 Page - Cirrus Logic

Part # CS8415A-CSZ
Description  96 kHz Digital Audio Interface Receiver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8415A-CSZ Datasheet(HTML) 38 Page - Cirrus Logic

Back Button CS8415A-CSZ Datasheet HTML 34Page - Cirrus Logic CS8415A-CSZ Datasheet HTML 35Page - Cirrus Logic CS8415A-CSZ Datasheet HTML 36Page - Cirrus Logic CS8415A-CSZ Datasheet HTML 37Page - Cirrus Logic CS8415A-CSZ Datasheet HTML 38Page - Cirrus Logic CS8415A-CSZ Datasheet HTML 39Page - Cirrus Logic CS8415A-CSZ Datasheet HTML 40Page - Cirrus Logic CS8415A-CSZ Datasheet HTML 41Page - Cirrus Logic CS8415A-CSZ Datasheet HTML 42Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 46 page
background image
38
DS470F4
CS8415A
14.APPENDIX B: CHANNEL STATUS AND USER DATA BUFFER
MANAGEMENT
14.1
AES3 Channel Status (C) Bit Management
The CS8415A contains sufficient RAM to store a full block of C data for both A and B channels (192 x 2 =
384 bits), and also 384 bits of U information. The user may read from these buffer RAMs through the control
port.
The buffering scheme involves 2 block-sized buffers, named D and E, as shown in Figure 16. The MSB of
each byte represents the first bit in the serial C data stream. For example, the MSB of byte 0 (which is at
control port address 20h) is the consumer/professional bit for channel status block A.
The first buffer (D) accepts incoming C data from the AES receiver. The 2nd buffer (E) accepts entire blocks
of data from the D buffer. The E buffer is also accessible from the control port, allowing reading of the C data.
14.2
Accessing the E Buffer
The user can monitor the incoming data by reading the E buffer, which is mapped into the register space of
the CS8415A, through the control port.
The user can configure the interrupt enable register to cause interrupts to occur whenever D-to-E buffer
transfers occur. This allows determination of the allowable time periods to interact with the E buffer.
Also provided is a D-to-E inhibit bit. This may be used whenever “long” control port interactions are occur-
ring.
Control Port
From
AES3
Receiver
E
24
words
8-bits
8-bits
AB
D
Received
Data
Buffer
Figure 16. Channel Status Data Buffer Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com