Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8415A-CSZ Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS8415A-CSZ
Description  96 kHz Digital Audio Interface Receiver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8415A-CSZ Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS8415A-CSZ Datasheet HTML 14Page - Cirrus Logic CS8415A-CSZ Datasheet HTML 15Page - Cirrus Logic CS8415A-CSZ Datasheet HTML 16Page - Cirrus Logic CS8415A-CSZ Datasheet HTML 17Page - Cirrus Logic CS8415A-CSZ Datasheet HTML 18Page - Cirrus Logic CS8415A-CSZ Datasheet HTML 19Page - Cirrus Logic CS8415A-CSZ Datasheet HTML 20Page - Cirrus Logic CS8415A-CSZ Datasheet HTML 21Page - Cirrus Logic CS8415A-CSZ Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
18
DS470F4
CS8415A
6. CONTROL PORT DESCRIPTION AND TIMING
The control port is used to access the registers, allowing the CS8415A to be configured for the desired operational
modes and formats. In addition, Channel Status and User data may be read through the control port. The operation
of the control port may be completely asynchronous with respect to the audio sample rates. However, to avoid
potential interference problems, the control port pins should remain static if no operation is required.
The control port has 2 modes: SPI and I²C, with the CS8415A acting as a slave device. SPI mode is selected if
there is a high-to-low transition on the AD0/CS pin, after the RST pin has been brought high. I²C mode is selected
by connecting the AD0/CS pin to VL+ or DGND, thereby permanently selecting the desired AD0 bit address state.
6.1
SPITM Mode
In SPI mode, CS is the CS8415A chip select signal, CCLK is the control port bit clock (input into the
CS8415A from the microcontroller), CDIN is the input data line from the microcontroller, CDOUT is the out-
put data line to the microcontroller. Data is clocked in on the rising edge of CCLK and out on the falling edge.
Figure 8 shows the operation of the control port in SPI mode. To write to a register, bring CS low. The first
seven bits on CDIN form the chip address and must be 0010000b. The eighth bit is a read/write indicator
(R/W), which should be low to write. The next eight bits form the Memory Address Pointer (MAP), which is
set to the address of the register that is to be updated. The next eight bits are the data which will be placed
into the register designated by the MAP. During writes, the CDOUT output stays in the Hi-Z state. It may be
externally pulled high or low with a 47 k
Ω resistor, if desired.
There is a MAP auto increment capability, enabled by the INCR bit in the MAP register. If INCR is a zero,
the MAP will stay constant for successive read or writes. If INCR is set to a 1, the MAP will autoincrement
after each byte is read or written, allowing block reads or writes of successive registers.
To read a register, the MAP has to be set to the correct address by executing a partial write cycle which
finishes (CS high) immediately after the MAP byte. The MAP auto increment bit (INCR) may be set or not,
as desired. To begin a read, bring CS low, send out the chip address and set the read/write bit (R/W) high.
The next falling edge of CCLK will clock out the MSB of the addressed register (CDOUT will leave the high
impedance state). If the MAP auto increment bit is set to 1, the data for successive registers will appear
consecutively.
MA P
MSB
LSB
DATA
byte 1
by te n
R/W
R/W
AD D R ES S
CH IP
ADDRESS
CH IP
CD IN
CC L K
CS
CD O U T
MSB
LSB MSB
LSB
0010000
0010000
MAP = Memory Address Pointer, 8 bits, MSB first
High Impedance
Figure 8. Control Port Timing in SPI Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com