Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC3131 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # LPC3131
Description  Low-cost, low-power ARM926EJ-S MCUs with high-speed USB 2.0 OTG, SD/MMC, and NAND flash controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3131 Datasheet(HTML) 2 Page - NXP Semiconductors

  LPC3131 Datasheet HTML 1Page - NXP Semiconductors LPC3131 Datasheet HTML 2Page - NXP Semiconductors LPC3131 Datasheet HTML 3Page - NXP Semiconductors LPC3131 Datasheet HTML 4Page - NXP Semiconductors LPC3131 Datasheet HTML 5Page - NXP Semiconductors LPC3131 Datasheet HTML 6Page - NXP Semiconductors LPC3131 Datasheet HTML 7Page - NXP Semiconductors LPC3131 Datasheet HTML 8Page - NXP Semiconductors LPC3131 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 68 page
background image
LPC3130_3131_1
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 1 — 9 February 2009
2 of 68
NXP Semiconductors
LPC3130/3131
Low-cost, low-power ARM926EJ-S microcontrollers
N PWM module
N Random Number Generator (RNG)
N General Purpose I/O (GPIO) pins
N Flexible and versatile interrupt structure
N JTAG interface with boundary scan and ARM debug access
I Operating voltage and temperature
N Core voltage: 1.2 V
N I/O voltage: 1.8 V, 2.8 V, 3.3 V
N Temperature: −40 °C to +85 °C
I TFBGA180 package: 12 × 12 mm2, 0.8 mm pitch
3.
Ordering information
Table 1.
Ordering information
Type number
Package
Name
Description
Version
LPC3130FET180 TFBGA180 plastic thin fine pitch ball grid array package, 180 balls, body 12
× 12 × 0.8 mm SOT570-3
LPC3131FET180 TFBGA180 plastic thin fine pitch ball grid array package, 180 balls, body 12
× 12 × 0.8 mm SOT570-3
Table 2.
Ordering options for LPC3130/3131
Type number
Core/bus
frequency
Total
SRAM
High-speed
USB
10-bit
ADC
channels
I2S-bus/
I2C-bus
MCI SDHC/
SDIO/
CE-ATA
Temperature
range
LPC3130FET180
180 MHz/
90 MHz
96 kB
Device/
Host/OTG
4
2 each
yes
−40 °C to +85 °C
LPC3131FET180
180 MHz/
90 MHz
192 kB Device/
Host/OTG
4
2 each
yes
−40 °C to +85 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com