Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC3131 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # LPC3131
Description  Low-cost, low-power ARM926EJ-S MCUs with high-speed USB 2.0 OTG, SD/MMC, and NAND flash controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3131 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button LPC3131 Datasheet HTML 35Page - NXP Semiconductors LPC3131 Datasheet HTML 36Page - NXP Semiconductors LPC3131 Datasheet HTML 37Page - NXP Semiconductors LPC3131 Datasheet HTML 38Page - NXP Semiconductors LPC3131 Datasheet HTML 39Page - NXP Semiconductors LPC3131 Datasheet HTML 40Page - NXP Semiconductors LPC3131 Datasheet HTML 41Page - NXP Semiconductors LPC3131 Datasheet HTML 42Page - NXP Semiconductors LPC3131 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 68 page
background image
LPC3130_3131_1
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 1 — 9 February 2009
39 of 68
NXP Semiconductors
LPC3130/3131
Low-cost, low-power ARM926EJ-S microcontrollers
IOHS
HIGH-level
short-circuit output
current
VDD = VDDE_IOx
(x = A, B, C); VOH = 0 V
-
-
<tbd>
mA
VDD = VDDE_IOx
(x = A, B, C); VOH = 0 V
-
-
<tbd>
mA
IOLS
LOW-level
short-circuit output
current
VDD = VDDE_IOx
(x = A, B, C); VOL = VDD
-
-
<tbd>
mA
VDD = VDDE_IOx
(x = A, B, C); VOL = VDD
-
-
<tbd>
mA
Zo
output impedance
VDD = VDDE_IOx
(x = A, B, C)
<tbd>
-
<tbd>
Ω
VDD = VDDE_IOx
(x = A, B, C)
<tbd>
-
<tbd>
Ω
I2C0-bus pins
IOZ
OFF-state output
current
VO = 0 V; VO =VDD;
no pull-up/down
-
-
7.25
µA
VIH
HIGH-level input
voltage
<tbd>
-
-
V
VIL
LOW-level input
voltage
-
-
<tbd>
V
Vhys
hysteresis voltage
-
<tbd>
-
V
VOL
LOW-level output
voltage
IOLS = 3 mA
-
-
0.298
V
ILI
input leakage current
VI = <tbd>
-
<tbd>
<tbd>
µA
VI = 5 V
-
<tbd>
<tbd>
µA
USB
VIC
common-mode input
voltage
high-speed mode
−50
200
500
mV
full-speed/low-speed
mode
800
-
2500
mV
chirp mode
−50
-
600
mV
Vi(dif)
differential input
voltage
100
400
1100
mV
Table 12:
Static characteristics
Tamb = −40 °C to +85 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com