Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC3131 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # LPC3131
Description  Low-cost, low-power ARM926EJ-S MCUs with high-speed USB 2.0 OTG, SD/MMC, and NAND flash controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3131 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button LPC3131 Datasheet HTML 32Page - NXP Semiconductors LPC3131 Datasheet HTML 33Page - NXP Semiconductors LPC3131 Datasheet HTML 34Page - NXP Semiconductors LPC3131 Datasheet HTML 35Page - NXP Semiconductors LPC3131 Datasheet HTML 36Page - NXP Semiconductors LPC3131 Datasheet HTML 37Page - NXP Semiconductors LPC3131 Datasheet HTML 38Page - NXP Semiconductors LPC3131 Datasheet HTML 39Page - NXP Semiconductors LPC3131 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 68 page
background image
LPC3130_3131_1
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 1 — 9 February 2009
36 of 68
NXP Semiconductors
LPC3130/3131
Low-cost, low-power ARM926EJ-S microcontrollers
7.
Limiting values
[1]
The following applies to the limiting values:
a) This product includes circuitry specifically designed for the protection of its internal devices from the damaging effects of excessive
static charge. Nonetheless, it is suggested that conventional precautions be taken to avoid applying greater than the rated maximum.
b) Parameters are valid over operating temperature range unless otherwise specified. All voltages are with respect to VSS unless
otherwise noted.
[2]
Dependent on package type.
[3]
Human body model: equivalent to discharging a 100 pF capacitor through a 1.5 k
Ω series resistor.
Table 11.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).[1]
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
All digital I/O pins
VI
input voltage
−0.5
-
+3.6
V
VO
output voltage
−0.5
-
+3.6
V
IO
output current
VDDE_IOC = 3.3 V
-
4
-
mA
Temperature values
Tj
junction temperature
−40
25
125
°C
Tstg
storage temperature
[2]
−65
-
+150
°C
Tamb
ambient temperature
−40
+25
+85
°C
Electrostatic handling
Vesd
electrostatic
discharge voltage
human body model
[3]
−500
-
+500
V
machine model
−100
-
+100
V
charged device
model
-
500
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com