Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC3131 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # LPC3131
Description  Low-cost, low-power ARM926EJ-S MCUs with high-speed USB 2.0 OTG, SD/MMC, and NAND flash controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3131 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button LPC3131 Datasheet HTML 4Page - NXP Semiconductors LPC3131 Datasheet HTML 5Page - NXP Semiconductors LPC3131 Datasheet HTML 6Page - NXP Semiconductors LPC3131 Datasheet HTML 7Page - NXP Semiconductors LPC3131 Datasheet HTML 8Page - NXP Semiconductors LPC3131 Datasheet HTML 9Page - NXP Semiconductors LPC3131 Datasheet HTML 10Page - NXP Semiconductors LPC3131 Datasheet HTML 11Page - NXP Semiconductors LPC3131 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 68 page
background image
LPC3130_3131_1
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 1 — 9 February 2009
8 of 68
NXP Semiconductors
LPC3130/3131
Low-cost, low-power ARM926EJ-S microcontrollers
SPI_MOSI[3]
B7
SUP3
DIO
I
DIO4
SPI Data Output (Master) / Data Input (Slave)
SPI_CS_IN[3]
B8
SUP3
DI
I
DIO4
SPI Chip Select Input (Slave)
Digital power supply
VDDI
H3;
L7;
L12;
C12;
C6
SUP1
Supply
-
CS2
Digital Core Supply
VSSI
A11;
C7;
D12;
G4;
L6;
L11
Ground
-
CG2
Digital Core Ground
Peripheral power supply
VDDE_IOA
B2;
E5;
F5;
G5;
H5
SUP4
Supply
-
PS1
Peripheral supply for NAND flash interface
VDDE_IOB
L4;
M5;
M7;
M9
SUP8
Supply
-
PS1
Peripheral supply for SDRAM/LCD
VDDE_IOC
C13;
D5;
D7;
E8;
G12;
L10;
SUP3
Supply
-
PS1
Peripheral supply
VDDE_ESD
K11
SUP8
Supply
-
PS1
VSSE_IOA
C3;
C4;
E4;
F4;
H4;
K3
Ground
-
PG1
VSSE_IOB
M3;
M4;
M6;
M8
Ground
-
PG1
Table 4.
Pin description
Pin names with prefix m are multiplexed pins. See Table 10 for pin function selection of multiplexed pins.
Pin name
BGA
Ball
Digital
I/O
level
[1]
Application
function
Pin
state
after
reset
Cell
Type [2]
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com