Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC3131 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # LPC3131
Description  Low-cost, low-power ARM926EJ-S MCUs with high-speed USB 2.0 OTG, SD/MMC, and NAND flash controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3131 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button LPC3131 Datasheet HTML 45Page - NXP Semiconductors LPC3131 Datasheet HTML 46Page - NXP Semiconductors LPC3131 Datasheet HTML 47Page - NXP Semiconductors LPC3131 Datasheet HTML 48Page - NXP Semiconductors LPC3131 Datasheet HTML 49Page - NXP Semiconductors LPC3131 Datasheet HTML 50Page - NXP Semiconductors LPC3131 Datasheet HTML 51Page - NXP Semiconductors LPC3131 Datasheet HTML 52Page - NXP Semiconductors LPC3131 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 68 page
background image
LPC3130_3131_1
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 1 — 9 February 2009
49 of 68
NXP Semiconductors
LPC3130/3131
Low-cost, low-power ARM926EJ-S microcontrollers
9.3 SDRAM controller
[1]
Parameters are valid over operating temperature range unless otherwise specified.
[2]
All values valid for pads set to high slew rate. VDDE_IOA = VDDE_IOB = 1.8
± 0.15 V. VDDI = 1.2 ± 0.1 V.
[3]
foper = 1/TCLCL
Table 18.
Dynamic characteristics of SDR SDRAM memory interface
Tamb = −40 °C to +85 °C, unless otherwise specified; VDD(IO) = 1.8 V and 2.8 V (SUP8).[1][2]
Symbol
Parameter
Conditions
Min
Typical
Max
Unit
foper
operating frequency
[3] -
<tbd>
-
MHz
TCLCL
clock cycle time
-
<tbd>
-
ns
tCLCX
clock LOW time
-
<tbd>
-
ns
tCHCX
clock HIGH time
-
<tbd>
-
ns
td(o)
output delay time
on pin EBI_CKE
-
-
3.5
ns
on pins
EBI_NRAS_BLOUT,
EBI_NCAS_BLOUT,
EBI_NWE,
EBI_NDYCS
-
-
3.5
ns
on pins EBI_DQM_1,
EBI_DQM_0_NOE
--
5
ns
th(o)
output hold time
on pin EBI_CKE
0.2
-
3.5
ns
on pins
EBI_NRAS_BLOUT,
EBI_NCAS_BLOUT,
EBI_NWE,
EBI_NDYCS
0.23
-
3.5
ns
on pins EBI_DQM_1,
EBI_DQM_0_NOE
2-
5
ns
td(AV)
address valid delay
time
--
5
ns
th(A)
address hold time
0.1
-
5
ns
td(QV)
data output valid
delay time
--
9
ns
th(Q)
data output hold time
4
-
10
ns
tsu(D)
data input set-up
time
<tbd>
-
-
ns
th(D)
data input hold time
<tbd>
-
-
ns
tQZ
data output
high-impedance time
--
<TCLCL
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com