Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC3131 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # LPC3131
Description  Low-cost, low-power ARM926EJ-S MCUs with high-speed USB 2.0 OTG, SD/MMC, and NAND flash controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3131 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button LPC3131 Datasheet HTML 5Page - NXP Semiconductors LPC3131 Datasheet HTML 6Page - NXP Semiconductors LPC3131 Datasheet HTML 7Page - NXP Semiconductors LPC3131 Datasheet HTML 8Page - NXP Semiconductors LPC3131 Datasheet HTML 9Page - NXP Semiconductors LPC3131 Datasheet HTML 10Page - NXP Semiconductors LPC3131 Datasheet HTML 11Page - NXP Semiconductors LPC3131 Datasheet HTML 12Page - NXP Semiconductors LPC3131 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 68 page
background image
LPC3130_3131_1
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 1 — 9 February 2009
9 of 68
NXP Semiconductors
LPC3130/3131
Low-cost, low-power ARM926EJ-S microcontrollers
VSSE_IOC
B12;
D6;
D8;
D9;
G11;
L9;
L13
Ground
-
PG1
LCD Interface
mLCD_CSB[3]
K8
SUP8
DO
O
DIO4
LCD Chip Select (active LOW)
mLCD_E_RD[3]
L8
SUP8
DO
O
DIO4
LCD, 6800 Enable, 8080 Read Enable (active
HIGH)
mLCD_RS[3]
P8
SUP8
DO
O
DIO4
LCD, Instruction Register (LOW)/ Data
Register (HIGH) select
mLCD_RW_WR[3]
N9
SUP8
DO
O
DIO4
LCD, 6800 Read/write Select, 8080 Write
Enable (active HIGH)
mLCD_DB_0[3]
N8
SUP8
DIO
O
DIO4
LCD Data 0
mLCD_DB_1[3]
P9
SUP8
DIO
O
DIO4
LCD Data 1
mLCD_DB_2[3]
N6
SUP8
DIO
O
DIO4
LCD Data 2
mLCD_DB_3[3]
P6
SUP8
DIO
O
DIO4
LCD Data 3
mLCD_DB_4[3]
N7
SUP8
DIO
O
DIO4
LCD Data 4
mLCD_DB_5[3]
P7
SUP8
DIO
O
DIO4
LCD Data 5
mLCD_DB_6[3]
K6
SUP8
DIO
O
DIO4
LCD Data 6
mLCD_DB_7[3]
P5
SUP8
DIO
O
DIO4
LCD Data 7
mLCD_DB_8[3]
N5
SUP8
DIO
O
DIO4
LCD Data 8 / 8-bit Data 0
mLCD_DB_9[3]
L5
SUP8
DIO
O
DIO4
LCD Data 9 / 8-bit Data 1
mLCD_DB_10[3]
K7
SUP8
DIO
O
DIO4
LCD Data 10 / 8-bit Data 2
mLCD_DB_11[3]
N4
SUP8
DIO
O
DIO4
LCD Data 11 / 8-bit Data 3
mLCD_DB_12[3]
K5
SUP8
DIO
O
DIO4
LCD Data 12 / 8-bit Data 4 / 4-bit Data 0
mLCD_DB_13[3]
P4
SUP8
DIO
O
DIO4
LCD Data 13 / 8-bit Data 5 / 4-bit Data 1 /
Serial Clock Output
mLCD_DB_14[3]
P3
SUP8
DIO
O
DIO4
LCD Data 14 / 8-bit Data 6 / 4-bit Data 2 /
Serial Data Input
mLCD_DB_15[3]
N3
SUP8
DIO
O
DIO4
LCD Data 15 / 8-bit Data 7 / 4-bit Data 3 /
Serial Data Output
Table 4.
Pin description
Pin names with prefix m are multiplexed pins. See Table 10 for pin function selection of multiplexed pins.
Pin name
BGA
Ball
Digital
I/O
level
[1]
Application
function
Pin
state
after
reset
Cell
Type [2]
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com