Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC3131 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # LPC3131
Description  Low-cost, low-power ARM926EJ-S MCUs with high-speed USB 2.0 OTG, SD/MMC, and NAND flash controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3131 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button LPC3131 Datasheet HTML 9Page - NXP Semiconductors LPC3131 Datasheet HTML 10Page - NXP Semiconductors LPC3131 Datasheet HTML 11Page - NXP Semiconductors LPC3131 Datasheet HTML 12Page - NXP Semiconductors LPC3131 Datasheet HTML 13Page - NXP Semiconductors LPC3131 Datasheet HTML 14Page - NXP Semiconductors LPC3131 Datasheet HTML 15Page - NXP Semiconductors LPC3131 Datasheet HTML 16Page - NXP Semiconductors LPC3131 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 68 page
background image
LPC3130_3131_1
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 1 — 9 February 2009
13 of 68
NXP Semiconductors
LPC3130/3131
Low-cost, low-power ARM926EJ-S microcontrollers
6.
Functional description
6.1 ARM926EJ-S
The processor embedded in the LPC3130/3131 is the ARM926EJ-S. It is a member of the
ARM9 family of general-purpose microprocessors. The ARM926EJ-S is intended for
multi-tasking applications where full memory management, high performance, and low
power are important.
This module has the following features:
• ARM926EJ-S processor core which uses a five-stage pipeline consisting of fetch,
decode, execute, memory, and write stages. The processor supports both the 32-bit
ARM and 16-bit Thumb instruction sets, which allows a trade off between high
performance and high code density. The ARM926EJ-S also executes an extended
ARMv5TE instruction set which includes support for Java byte code execution.
• Contains an AMBA BIU for both data accesses and instruction fetches.
• Memory Management Unit (MMU).
• 16 kB instruction and 16 kB data separate cache memories with an 8 word line length.
The caches are organized using Harvard architecture.
• Little Endian is supported.
• The ARM926EJ-S processor supports the ARM debug architecture and includes logic
to assist in both hardware and software debugging.
• Supports dynamic clock gating for power reduction.
• The processor core clock can be set equal to the AHB bus clock or to an integer
number times the AHB bus clock. The processor can be switched dynamically
between these settings.
• ARM stall support.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com