Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC3131 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # LPC3131
Description  Low-cost, low-power ARM926EJ-S MCUs with high-speed USB 2.0 OTG, SD/MMC, and NAND flash controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3131 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button LPC3131 Datasheet HTML 17Page - NXP Semiconductors LPC3131 Datasheet HTML 18Page - NXP Semiconductors LPC3131 Datasheet HTML 19Page - NXP Semiconductors LPC3131 Datasheet HTML 20Page - NXP Semiconductors LPC3131 Datasheet HTML 21Page - NXP Semiconductors LPC3131 Datasheet HTML 22Page - NXP Semiconductors LPC3131 Datasheet HTML 23Page - NXP Semiconductors LPC3131 Datasheet HTML 24Page - NXP Semiconductors LPC3131 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 68 page
background image
LPC3130_3131_1
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 1 — 9 February 2009
21 of 68
NXP Semiconductors
LPC3130/3131
Low-cost, low-power ARM926EJ-S microcontrollers
• Level interrupt support.
The following blocks can generate interrupts:
• NAND flash controller
• USB 2.0 high-speed OTG
• Event router
• 10-bit ADC
• UART
• LCD
• MCI
• SPI
• I2C0 and I2C1 controllers
• Timer0, Timer1, Timer2, and Timer3
• I2S transmit: I2STX_0 and I2STX_1
• I2S receive: I2SRX_0 and I2SRX_1
• DMA
6.13 Multi-layer AHB
The multi-layer AHB is an interconnection scheme based on the AHB protocol that
enables parallel access paths between multiple masters and slaves in a system.
Multiple masters can have access to different slaves at the same time.
Figure 5 gives an overview of the multi-layer AHB configuration in the LPC3130/3131.
AHB masters and slaves are numbered according to their AHB port number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com