Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24LR64-R_1004 Datasheet(PDF) 69 Page - STMicroelectronics

Part # M24LR64-R_1004
Description  64 Kbit EEPROM with password protection & dual interface: 400kHz I²C serial bus & ISO 18000-3 mode 1 RF protocol at 13.56MHz
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24LR64-R_1004 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button M24LR64-R_1004 Datasheet HTML 65Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 66Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 67Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 68Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 69Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 70Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 71Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 72Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 126 page
background image
M24LR64-R
Explanation of the possible cases
Doc ID 15170 Rev 9
69/126
23
Explanation of the possible cases
Figure 51 summarizes the main possible cases that can occur during an anticollision
sequence when the slot number is 16.
The different steps are:
●
The VCD sends an Inventory request, in a frame terminated by an EOF. The number of
slots is 16.
●
M24LR64-R_1 transmits its response in Slot 0. It is the only one to do so, therefore no
collision occurs and its UID is received and registered by the VCD;
●
The VCD sends an EOF in order to switch to the next slot.
●
In slot 1, two M24LR64-Rs, M24LR64-R_2 and M24LR64-R_3 transmit a response,
thus generating a collision. The VCD records the event and remembers that a collision
was detected in Slot 1.
●
The VCD sends an EOF in order to switch to the next slot.
●
In Slot 2, no M24LR64-R transmits a response. Therefore the VCD does not detect any
M24LR64-R SOF and decides to switch to the next slot by sending an EOF.
●
In slot 3, there is another collision caused by responses from M24LR64-R_4 and
M24LR64-R_5
●
The VCD then decides to send a request (for instance a Read Block) to M24LR64-R_1
whose UID has already been correctly received.
●
All M24LR64-Rs detect an SOF and exit the anticollision sequence. They process this
request and since the request is addressed to M24LR64-R_1, only M24LR64-R_1
transmits a response.
●
All M24LR64-Rs are ready to receive another request. If it is an Inventory command,
the slot numbering sequence restarts from 0.
Note:
The decision to interrupt the anticollision sequence is made by the VCD. It could have
continued to send EOFs until Slot 16 and only then sent the request to M24LR64-R_1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com