Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24LR64-R_1004 Datasheet(PDF) 41 Page - STMicroelectronics

Part # M24LR64-R_1004
Description  64 Kbit EEPROM with password protection & dual interface: 400kHz I²C serial bus & ISO 18000-3 mode 1 RF protocol at 13.56MHz
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24LR64-R_1004 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button M24LR64-R_1004 Datasheet HTML 37Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 38Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 39Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 40Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 41Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 42Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 43Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 44Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 126 page
background image
M24LR64-R
Data rate and data coding
Doc ID 15170 Rev 9
41/126
9
Data rate and data coding
The data coding implemented in the M24LR64-R uses pulse position modulation. Both data
coding modes that are described in the ISO15693 are supported by the M24LR64-R. The
selection is made by the VCD and indicated to the M24LR64-R within the start of frame
(SOF).
9.1
Data coding mode: 1 out of 256
The value of one single byte is represented by the position of one pause. The position of the
pause on 1 of 256 successive time periods of 18.88 µs (256/fC), determines the value of the
byte. In this case the transmission of one byte takes 4.833 ms and the resulting data rate is
1.65 Kbits/s (fC/8192).
Figure 16 illustrates this pulse position modulation technique. In this figure, data E1h (225
decimal) is sent by the VCD to the M24LR64-R.
The pause occurs during the second half of the position of the time period that determines
the value, as shown in Figure 17.
A pause during the first period transmits the data value 00h. A pause during the last period
transmit the data value FFh (255 decimal).
Figure 16.
1 out of 256 coding mode
AI06656
0 1
2
3
. . . . . . . .
2
. . . . . . . . . . . . . . . . . . . . .
2
2
2
2
. . . . . . . . .
2
. . . . . . . . . . . . . . . . . . . . .
5
5
5
5
. . . . . . . . .
5
. . . . . . . . . . . . . . . . . . . . .
2
3
4
5
4.833 ms
18.88 µs
9.44 µs
Pulse
Modulated
Carrier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com