Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24LR64-R_1004 Datasheet(PDF) 19 Page - STMicroelectronics

Part # M24LR64-R_1004
Description  64 Kbit EEPROM with password protection & dual interface: 400kHz I²C serial bus & ISO 18000-3 mode 1 RF protocol at 13.56MHz
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24LR64-R_1004 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M24LR64-R_1004 Datasheet HTML 15Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 16Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 17Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 18Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 19Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 20Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 21Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 22Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 126 page
background image
M24LR64-R
User memory organization
Doc ID 15170 Rev 9
19/126
Table 5.
Sector details
Sector
number
RF block
address
I2C byte
address
Bits [31:24]
Bits [23:16]
Bits [15:8]
Bits [7:0]
0
0
0
user
user
user
user
1
4
user
user
user
user
2
8
user
user
user
user
3
12
user
user
user
user
4
16
user
user
user
user
5
20
user
user
user
user
6
24
user
user
user
user
7
28
user
user
user
user
8
32
user
user
user
user
9
36
user
user
user
user
10
40
user
user
user
user
11
44
user
user
user
user
12
48
user
user
user
user
13
52
user
user
user
user
14
56
user
user
user
user
15
60
user
user
user
user
16
64
user
user
user
user
17
68
user
user
user
user
18
72
user
user
user
user
19
76
user
user
user
user
20
80
user
user
user
user
21
84
user
user
user
user
22
88
user
user
user
user
23
92
user
user
user
user
24
96
user
user
user
user
25
100
user
user
user
user
26
104
user
user
user
user
27
108
user
user
user
user
28
112
user
user
user
user
29
116
user
user
user
user
30
120
user
user
user
user
31
124
user
user
user
user



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com