Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24LR64-R_1004 Datasheet(PDF) 27 Page - STMicroelectronics

Part # M24LR64-R_1004
Description  64 Kbit EEPROM with password protection & dual interface: 400kHz I²C serial bus & ISO 18000-3 mode 1 RF protocol at 13.56MHz
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24LR64-R_1004 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button M24LR64-R_1004 Datasheet HTML 23Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 24Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 25Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 26Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 27Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 28Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 29Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 30Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 126 page
background image
M24LR64-R
System memory area
Doc ID 15170 Rev 9
27/126
Figure 8.
I2C Present Password command
4.5.2
I2C Write Password command description
The I2C Write Password command is used to write a 32-bit block into the M24LR64-R I2C
password system area. This command is used in I2C mode to update the I2C password
value. It cannot be used to update any of the RF passwords. After the write cycle, the new
I2C password value is automatically activated. The I2C password value can only be modified
after issuing a valid I2C Present Password command.
On delivery, the I2C default password value is set to 0000 0000h and is activated.
Following a Start condition, the bus master sends a device select code with the Read/Write
bit (RW) reset to 0 and the Chip Enable bit E2 at 1. The device acknowledges this, as shown
in Figure 9, and waits for the two I2C password address bytes, 09h and 00h. The device
responds to each address byte with an acknowledge bit, and then waits for the 4 password
data bytes, the validation code, 07h, and a resend of the 4 password data bytes. The most
significant byte of the password is sent first, followed by the least significant bytes.
It is necessary to send twice the 32-bit password to prevent any data corruption during the
write sequence. If the two 32-bit passwords sent are not exactly the same, the M24LR64-R
does not modify the I2C password value.
When the bus master generates a Stop condition immediately after the Ack bit (during the
10th bit time slot), the internal write cycle is triggered. A Stop condition at any other time
does not trigger the internal write cycle.
During the internal write cycle, Serial Data (SDA) is disabled internally, and the device does
not respond to any requests.
ai15125b
Device select
code
Password
address 09h
Password
address 00h
Password
[31:24]
Ack
R/W
Ack
Ack
Ack
Device select code = 1010 1 E1 E0
Password
[23:16]
Password
[15:8]
Password
[7:0]
Ack
Ack
Ack
Ack generated during 9th bit time slot.
Validation
code 09h
Ack
Password
[31:24]
Ack
Password
[23:16]
Password
[15:8]
Password
[7:0]
Ack
Ack
Ack



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com