Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24LR64-R_1004 Datasheet(PDF) 23 Page - STMicroelectronics

Part # M24LR64-R_1004
Description  64 Kbit EEPROM with password protection & dual interface: 400kHz I²C serial bus & ISO 18000-3 mode 1 RF protocol at 13.56MHz
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24LR64-R_1004 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M24LR64-R_1004 Datasheet HTML 19Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 20Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 21Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 22Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 23Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 24Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 25Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 26Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 126 page
background image
M24LR64-R
System memory area
Doc ID 15170 Rev 9
23/126
The next 2 bits of the Sector security status byte (b3, b4) are the Password Control bits. The
value these two bits is used to link a password to the sector as defined in Table 9.
The M24LR64-R password protection is organized around a dedicated set of commands
plus a system area of three password blocks where the password values are stored. This
system area is described in Table 10.
The dedicated password commands are:
●
Write-sector Password:
The Write-sector Password command is used to write a 32-bit block into the password
system area. This command must be used to update password values. After the write
cycle, the new password value is automatically activated. It is possible to modify a
password value after issuing a valid Present-sector Password command.
On delivery, the three default password values are set to 0000 0000h and are activated.
●
Lock-sector Password:
The Lock-sector Password command is used to set the Sector security status byte of
the selected sector. Bits b4 to b1 of the Sector security status byte are affected by the
Lock-sector Password command. The Sector Lock bit, b0, is set to ‘1’ automatically.
After issuing a Lock-sector Password command, the protection settings of the selected
sector are activated. The protection of a locked block cannot be changed in RF mode.
A Lock-sector Password command sent to a locked sector returns an error code.
Table 8.
Read / Write protection bit setting
Sector
Lock
b2, b1
Sector access when password
presented
Sector access when password not
presented
0
xx
Read
Write
Read
Write
1
00
Read
Write
Read
No Write
1
01
Read
Write
Read
Write
1
10
Read
Write
No Read
No Write
1
11
Read
No Write
No Read
No Write
Table 9.
Password Control bits
b4, b3
Password
00
The sector is not protected by a Password
01
The sector is protected by the Password 1
10
The sector is protected by the Password 2
11
The sector is protected by the Password 3
Table 10.
Password system area
Add
0
7 8
15
16
23
24
31
1
Password 1
2
Password 2
3
Password 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com