Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24LR64-R_1004 Datasheet(PDF) 17 Page - STMicroelectronics

Part # M24LR64-R_1004
Description  64 Kbit EEPROM with password protection & dual interface: 400kHz I²C serial bus & ISO 18000-3 mode 1 RF protocol at 13.56MHz
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24LR64-R_1004 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M24LR64-R_1004 Datasheet HTML 13Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 14Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 15Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 16Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 17Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 18Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 19Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 20Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 126 page
background image
M24LR64-R
User memory organization
Doc ID 15170 Rev 9
17/126
3
User memory organization
The M24LR64-R is divided into 64 sectors of 32 blocks of 32 bits as shown in Table 5.
Figure 7 shows the memory sector organization. Each sector can be individually read-
and/or write-protected using a specific password command. Read and write operations are
possible if the addressed data are not in a protected sector.
The M24LR64-R also has a 64-bit block that is used to store the 64-bit unique identifier
(UID). The UID is compliant with the ISO 15963 description, and its value is used during the
anticollision sequence (Inventory). This block is not accessible by the user and its value is
written by ST on the production line.
The M24LR64-R includes an AFI register that stores the application family identifier, and a
DSFID register that stores the data storage family identifier used in the anticollision
algorithm.
The M24LR64-R has four additional 32-bit blocks that store an I2C password plus three RF
password codes.
Figure 6.
Block diagram
EEPROM
Latch
Logic
RF
I2C
RF VCC
Contact VCC
SCL
SDA
VSS
VCC
AC0
AC1
Power management
ai15123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com