Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24LR64-R_1004 Datasheet(PDF) 16 Page - STMicroelectronics

Part # M24LR64-R_1004
Description  64 Kbit EEPROM with password protection & dual interface: 400kHz I²C serial bus & ISO 18000-3 mode 1 RF protocol at 13.56MHz
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24LR64-R_1004 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M24LR64-R_1004 Datasheet HTML 12Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 13Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 14Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 15Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 16Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 17Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 18Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 19Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 126 page
background image
Signal description
M24LR64-R
16/126
Doc ID 15170 Rev 9
Figure 5.
I2C bus protocol
Table 2.
Device select code
Device type identifier(1)
1.
The most significant bit, b7, is sent first.
Chip Enable address(2)
2.
E0 and E1 are compared against the respective external pins on the memory device.
RW
b7
b6
b5
b4
b3
b2
b1
b0
Device select code
1010
E2(3)
3.
E2 is not connected to any external pin. It is however used to address the M24LR64-R as described in
Section 3 and Section 4.
E1
E0
RW
Table 3.
Address most significant byte
b15
b14
b13
b12
b11
b10
b9
b8
Table 4.
Address least significant byte
b7
b6
b5
b4
b3
b2
b1
b0
SCL
SDA
SCL
SDA
SDA
Start
Condition
SDA
Input
SDA
Change
AI00792B
Stop
Condition
1
23
7
89
MSB
ACK
Start
Condition
SCL
1
23
7
89
MSB
ACK
Stop
Condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com