Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24LR64-R_1004 Datasheet(PDF) 39 Page - STMicroelectronics

Part # M24LR64-R_1004
Description  64 Kbit EEPROM with password protection & dual interface: 400kHz I²C serial bus & ISO 18000-3 mode 1 RF protocol at 13.56MHz
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24LR64-R_1004 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button M24LR64-R_1004 Datasheet HTML 35Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 36Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 37Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 38Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 39Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 40Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 41Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 42Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 126 page
background image
M24LR64-R
Communication signal from VCD to M24LR64-R
Doc ID 15170 Rev 9
39/126
8
Communication signal from VCD to M24LR64-R
Communications between the VCD and the M24LR64-R takes place using the modulation
principle of ASK (Amplitude Shift Keying). Two modulation indexes are used, 10% and
100%. The M24LR64-R decodes both. The VCD determines which index is used.
The modulation index is defined as [a – b]/[a + b] where a is the peak signal amplitude and
b, the minimum signal amplitude of the carrier frequency.
Depending on the choice made by the VCD, a “pause” will be created as described in
Figure 14 and Figure 15.
The M24LR64-R is operational for any degree of modulation index from between 10% and
30%.
Figure 14.
100% modulation waveform
105%
a
95%
5%
60%
Carrier
Amplitude
t
t
2
t
1
t
3
t
4
Min (µs)
t1
6,0
t2
2,1
t3
0
Max (µs)
9,44
t1
4,5
t4
0
0,8
b
The clock recovery shall be operational after t4 max.
ai15793



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com