Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M23LR64-R-MN6T/2 Datasheet(PDF) 57 Page - STMicroelectronics

Part # M23LR64-R-MN6T/2
Description  64 Kbit EEPROM with password protection & dual interface: 400kHz I²C serial bus & ISO 18000-3 mode 1 RF protocol at 13.56MHz
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M23LR64-R-MN6T/2 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button M23LR64-R-MN6T/2 Datasheet HTML 53Page - STMicroelectronics M23LR64-R-MN6T/2 Datasheet HTML 54Page - STMicroelectronics M23LR64-R-MN6T/2 Datasheet HTML 55Page - STMicroelectronics M23LR64-R-MN6T/2 Datasheet HTML 56Page - STMicroelectronics M23LR64-R-MN6T/2 Datasheet HTML 57Page - STMicroelectronics M23LR64-R-MN6T/2 Datasheet HTML 58Page - STMicroelectronics M23LR64-R-MN6T/2 Datasheet HTML 59Page - STMicroelectronics M23LR64-R-MN6T/2 Datasheet HTML 60Page - STMicroelectronics M23LR64-R-MN6T/2 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 126 page
background image
M24LR64-R
M24LR64-R protocol description
Doc ID 15170 Rev 9
57/126
16
M24LR64-R protocol description
The transmission protocol (or simply protocol) defines the mechanism used to exchange
instructions and data between the VCD and the M24LR64-R, in both directions. It is based
on the concept of “VCD talks first”.
This means that an M24LR64-R will not start transmitting unless it has received and
properly decoded an instruction sent by the VCD. The protocol is based on an exchange of:
●
a request from the VCD to the M24LR64-R
●
a response from the M24LR64-R to the VCD
Each request and each response are contained in a frame. The frame delimiters (SOF,
EOF) are described in Section 12: M24LR64-R to VCD frames.
Each request consists of:
●
a request SOF (see Figure 20 and Figure 21)
●
flags
●
a command code
●
parameters, depending on the command
●
application data
●
a 2-byte CRC
●
a request EOF (see Figure 22)
Each response consists of:
●
an answer SOF (see Figure 35 to Figure 40)
●
flags
●
parameters, depending on the command
●
application data
●
a 2-byte CRC
●
an answer EOF (see Figure 41 to Figure 46)
The protocol is bit-oriented. The number of bits transmitted in a frame is a multiple of eight
(8), that is an integer number of bytes.
A single-byte field is transmitted least significant bit (LSBit) first. A multiple-byte field is
transmitted least significant byte (LSByte) first, each byte is transmitted least significant bit
(LSBit) first.
The setting of the flags indicates the presence of the optional fields. When the flag is set (to
one), the field is present. When the flag is reset (to zero), the field is absent.
Table 20.
VCD request frame format
Request SOF Request_flags
Command
code
Parameters
Data
2-byte CRC
Request
EOF
Table 21.
M24LR64-R Response frame format
Response
SOF
Response_flags
Parameters
Data
2-byte CRC
Response
EOF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com