Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M23LR64-R-MN6T/2 Datasheet(PDF) 14 Page - STMicroelectronics

Part # M23LR64-R-MN6T/2
Description  64 Kbit EEPROM with password protection & dual interface: 400kHz I²C serial bus & ISO 18000-3 mode 1 RF protocol at 13.56MHz
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M23LR64-R-MN6T/2 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M23LR64-R-MN6T/2 Datasheet HTML 10Page - STMicroelectronics M23LR64-R-MN6T/2 Datasheet HTML 11Page - STMicroelectronics M23LR64-R-MN6T/2 Datasheet HTML 12Page - STMicroelectronics M23LR64-R-MN6T/2 Datasheet HTML 13Page - STMicroelectronics M23LR64-R-MN6T/2 Datasheet HTML 14Page - STMicroelectronics M23LR64-R-MN6T/2 Datasheet HTML 15Page - STMicroelectronics M23LR64-R-MN6T/2 Datasheet HTML 16Page - STMicroelectronics M23LR64-R-MN6T/2 Datasheet HTML 17Page - STMicroelectronics M23LR64-R-MN6T/2 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 126 page
background image
Signal description
M24LR64-R
14/126
Doc ID 15170 Rev 9
2
Signal description
2.1
Serial Clock (SCL)
This input signal is used to strobe all data in and out of the device. In applications where this
signal is used by slave devices to synchronize the bus to a slower clock, the bus master
must have an open drain output, and a pull-up resistor must be connected from Serial Clock
(SCL) to VCC. (Figure 4 indicates how the value of the pull-up resistor can be calculated). In
most applications, though, this method of synchronization is not employed, and so the pull-
up resistor is not necessary, provided that the bus master has a push-pull (rather than open
drain) output.
2.2
Serial Data (SDA)
This bidirectional signal is used to transfer data in or out of the device. It is an open drain
output that may be wire-OR’ed with other open drain or open collector signals on the bus. A
pull up resistor must be connected from Serial Data (SDA) to VCC. (Figure 4 indicates how
the value of the pull-up resistor can be calculated).
2.3
Chip Enable (E0, E1)
These input signals are used to set the value that is to be looked for on the two least
significant bits (b2, b1) of the 7-bit device select code. These inputs must be tied to VCC or
VSS, to establish the device select code as shown in Figure 3. When not connected (left
floating), these inputs are read as low (0,0).
Figure 3.
Device select code
2.4
Antenna coil (AC0, AC1)
These inputs are used to connect the device to an external coil. When correctly tuned, the
coil is used to power and access the device using the ISO 15693 and ISO 18000-3 mode 1
protocols.
2.5
VSS ground
VSS is the reference for the VCC supply voltage.
Ai12806
VCC
M24xxx
VSS
Ei
VCC
M24xxx
VSS
Ei



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com