Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M23LR64-R-MN6T/2 Datasheet(PDF) 60 Page - STMicroelectronics

Part # M23LR64-R-MN6T/2
Description  64 Kbit EEPROM with password protection & dual interface: 400kHz I²C serial bus & ISO 18000-3 mode 1 RF protocol at 13.56MHz
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M23LR64-R-MN6T/2 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button M23LR64-R-MN6T/2 Datasheet HTML 56Page - STMicroelectronics M23LR64-R-MN6T/2 Datasheet HTML 57Page - STMicroelectronics M23LR64-R-MN6T/2 Datasheet HTML 58Page - STMicroelectronics M23LR64-R-MN6T/2 Datasheet HTML 59Page - STMicroelectronics M23LR64-R-MN6T/2 Datasheet HTML 60Page - STMicroelectronics M23LR64-R-MN6T/2 Datasheet HTML 61Page - STMicroelectronics M23LR64-R-MN6T/2 Datasheet HTML 62Page - STMicroelectronics M23LR64-R-MN6T/2 Datasheet HTML 63Page - STMicroelectronics M23LR64-R-MN6T/2 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 126 page
background image
M24LR64-R states
M24LR64-R
60/126
Doc ID 15170 Rev 9
Figure 49.
M24LR64-R state transition diagram
1.
The M24LR64-R returns to the “Power Off” state only when both conditions are met: the VCC pin is not
supplied (0 V or HiZ) and the tag is out of the RF field. Please refer to application note AN3057 for more
information.
2.
The intention of the state transition method is that only one M24LR64-R should be in the selected state at a
time.
Table 22.
M24LR64-R response depending on Request_flags
Flags
Address_flag
Select_flag
1
Addressed
0
Non addressed
1
Selected
0
Non selected
M24LR64-R in Ready or Selected
state (Devices in Quiet state do not
answer)
XX
M24LR64-R in Selected state
X
X
M24LR64-R in Ready, Quiet or
Selected state (the device which
matches the UID)
XX
Error (03h)
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com